Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9850VF Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC9850VF
Description  Clock Generator for PowerQUICC III
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9850VF Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC9850VF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Advanced Clock Drivers Devices
8
Freescale Semiconductor
MPC9850
Table 12. MPC9850 Pin Diagram (Top View)
1
2
345
678
9
10
A
VDDOA
VDDOA
CLKA[1]
CLKA[3]
CLKA[5]
VDD
QA1
QA2
VDDOA
VDDOA
B
VDDOA
VDDOA
CLKA[0]
CLKA[2]
CLKA[4]
QA0
VDDOA
QA3
VDDOA
VDDOA
C
RSVD
RSVD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
REF_OUT
D
VDDA
VDDA
VDD
GNDGND
GNDGND
VDD
QC0
QC0
E
REF_SEL
CLK
VDD
GNDGND
GNDGND
VDD
VDDOC
GND
F
PCLK
PCLK
VDD
GNDGND
GNDGND
VDD
QC1
QC1
G
REF_CLK_SEL
REF_33MHz
VDD
GNDGND
GNDGND
VDD
PLL_BYPASS
MR
H
XTAL_IN
XTAL_OUT
VDD
VDD
VDD
VDD
VDD
VDD
RIO_C[1]
RIO_C[0]
J
VDDOB
VDDOB
CLKB[0]
CLKB[2]
CLKB[4]
QB0
VDDOB
QB3
VDDOB
VDDOB
K
VDDOB
VDDOB
CLKB[1]
CLKB[3]
CLKB[5]
VDD
QB1
QB2
VDDOB
VDDOB
Table 13. MPC9850 Pin List
Signal
100 Pin
MAPBGA
Signal
100 Pin
MAPBGA
Signal
100 Pin
MAPBGA
Signal
100 Pin
MAPBGA
Signal
100 Pin
MAPBGA
VDDOA
A1
RSVD(1)
1. RSVD pins must be left open.
C1
REF_SEL
E1
REF_CLK_SEL
G1
VDDOB
J1
VDDOA
A2
RSVD(1)
C2
CLK
E2
REF_33MHz
G2
VDDOB
J2
CLKA[1]
A3
VDD
C3
VDD
E3
VDD
G3
CLKB[0]
J3
CLKA[3]
A4
VDD
C4
GND
E4
GND
G4
CLKB[2]
J4
CLKA[5]
A5
VDD
C5
GND
E5
GND
G5
CLKB[4]
J5
VDD
A6
VDD
C6
GND
E6
GND
G6
QB0
J6
QA1
A7
VDD
C7
GND
E7
GND
G7
VDDOB
J7
QA2
A8
VDD
C8
VDD
E8
VDD
G8
QB3
J8
VDDOA
A9
VDD
C9
VDDOC
E9
PLL_BYPASS
G9
VDDOB
J9
VDDOA
A10
REF_OUT
C10
GND
E10
MR
G10
VDDOB
J10
VDDOA
B1
VDDA
D1
PCLK
F1
XTAL_IN
H1
VDDOB
K1
VDDOA
B2
VDDA
D2
PCLK
F2
XTAL_OUT
H2
VDDOB
K2
CLKA[0]
B3
VDD
D3
VDD
F3
VDD
H3
CLKB[1]
K3
CLKA[2]
B4
GND
D4
GND
F4
VDD
H4
CLKB[3]
K4
CLKA[4]
B5
GND
D5
GND
F5
VDD
H5
CLKB[5]
K5
QA0
B6
GND
D6
GND
F6
VDD
H6
VDD
K6
VDDOA
B7
GND
D7
GND
F7
VDD
H7
QB1
K7
QA3
B8
VDD
D8
VDD
F8
VDD
H8
QB2
K8
VDDOA
B9
QC0
D9
QC1
F9
RIO_C[1]
H9
VDDOB
K9
VDDOA
B10
QC0
D10
QC1
F10
RIO_C[0]
H10
VDDOB
K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com