Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9850VF Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC9850VF
Description  Clock Generator for PowerQUICC III
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9850VF Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC9850VF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
5
MPC9850
Table 5. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VDD
Supply Voltage (core)
–0.3
3.8
V
VDDA
Supply Voltage (Analog Supply Voltage)
–0.3
VDD
V
VDDOx
Supply Voltage (LVCMOS output for Bank A or B)
–0.3
VDD
V
VIN
DC Input Voltage
–0.3
VDD+0.3
V
VOUT
DC Output Voltage(2)
2. VDDx references power supply pin associated with specific output pin.
–0.3
VDDx+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage Temperature
–65
125
°C
Table 6. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VDD ÷ 2V
HBM
ESD Protection (Human Body Model)
2000
V
CDM
ESD Protection (Charged Device Model)
500
V
LU
Latch-Up Immunity
100
mA
CIN
Input Capacitance
4
pF
Inputs
CPD
Power Dissipation Capacitance
10
pF
Per Output
θJA
Thermal Resistance (junction-to-ambient)
54.5
°C/W Air flow = 0
TA
Ambient Temperature
–40
85
°C
Table 7. DC Characteristics (TA = –40°C to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Supply Current for VDD = 3.3 V ± 5%, VDDOA = 3.3 V ± 5 and VDDOB = 3.3 V ± 5%
IDD + IDDA Maximum Quiescent Supply Current (Core)
200
mA
VDD + VDDA
pins
IDDA
Maximum Quiescent Supply Current (Analog Supply)
15
mA
VDDIN pins
IDDOA,
IDDOB
Maximum Bank A and B Supply Current
175
mA
VDDOA and
VDDOB pins
Supply Current for VDD = 3.3 V ± 5%, VDDOA = 2.5 V ± 5% and VDDOB= 2.5 V ± 5%
IDD + IDDA Maximum Quiescent Supply Current (Core)
200
mA
VDD + VDDA
pins
IDDA
Maximum Quiescent Supply Current (Analog Supply)
15
mA
VDDIN pins
IDDOA,
IDDOB
Maximum Bank A and B Supply Current
100
mA
VDDOA and
VDDOB pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com