Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 1 Page - STMicroelectronics

  STW5095 Datasheet HTML 1Page - STMicroelectronics STW5095 Datasheet HTML 2Page - STMicroelectronics STW5095 Datasheet HTML 3Page - STMicroelectronics STW5095 Datasheet HTML 4Page - STMicroelectronics STW5095 Datasheet HTML 5Page - STMicroelectronics STW5095 Datasheet HTML 6Page - STMicroelectronics STW5095 Datasheet HTML 7Page - STMicroelectronics STW5095 Datasheet HTML 8Page - STMicroelectronics STW5095 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev 1.0
November 2005
1/69
2
STw5095
Low Power Asynchronous Stereo Audio Codec
with Integrated Power Amplifiers
Features
20 bit audio resolution, 8kHz to 96kHz
independent rate ADC and DAC
Asynchronous sampling ADC and DAC: they
do not require oversampled clock and
information on the audio data sampling
frequency (fs). Jitter tolerant fs
Wide master clock range: from 4MHz to 32MHz
I2C/SPI compatible control I/F
Stereo headphones drivers, handsfree
loudspeaker driver, line out drivers
Mixable analog line inputs
Voice filters: 8/16kHz with voice channel filters
Automatic gain control for microphone and line-
in inputs
Two programmable master/slave serial audio
data interfaces (I2S, SPI, PCM compatible and
other formats)
Frequency programmable clock outputs
Multibit
Σ∆ modulators with data weighted
averaging ADC and DAC
DSP functions for bass-treble-volume control,
mute, mono/stereo selection, voice channel
filters, de-emphasis filter and dynamic
compression.
93 dB dynamic range ADC, 0.001% THD with
full scale output @ 2.7V
95 dB dynamic range DAC, 0.02% THD
performance @ 2.7V over 16
Ω load
Analog inputs
Selectable stereo differential or single-ended
microphone amplifier inputs with 51dB range
programmable gain
One microphone biasing output
Microphone plug-in and push-button detection
input
Selectable stereo differential or single-ended
line inputs with 38 dB range programmable
gain
Analog output drivers
Stereo headphones outputs driving capability:
40 mW (0.1% THD) over 16
Ωwith 40 dB range
programmable gain
Common mode voltage headphones driver
(phantom ground)
Balanced loudspeaker output driving
capability: up to 500mW (VCCLS>3.5V; 1%
THD) over 8
Ω with 30dB range programmable
gain
Transient supression filter during power up and
power down
Balanced/unbalanced stereo line outputs
driving capability 1k
Applications
Digital cellular telephones with mp3 player,
stereo recorder, fm radio stereo listening and
recording functions, live music recording
Portable digital players and recorders
STw5095
TFBGA64 5x5 (64 pins)
www.st.com


Similar Part No. - STW5095

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095 Datasheet
844Kb / 73P
Low-power asynchronous stereo audio Codec with integrated power amplifiers
23-Apr-2007
STW5095T STMICROELECTRONICS-STW5095T Datasheet
844Kb / 73P
Low-power asynchronous stereo audio Codec with integrated power amplifiers
23-Apr-2007
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
Low-power asynchronous stereo audio Codec with integrated power amplifiers
23-Apr-2007
More results

Similar Description - STW5095

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5094A STMICROELECTRONICS-STW5094A Datasheet
556Kb / 51P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5098 STMICROELECTRONICS-STW5098 Datasheet
902Kb / 85P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
STW5094A STMICROELECTRONICS-STW5094A_05 Datasheet
600Kb / 52P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
Low-power asynchronous stereo audio Codec with integrated power amplifiers
23-Apr-2007
STW5098 STMICROELECTRONICS-STW5098_07 Datasheet
943Kb / 86P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
logo
Texas Instruments
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
Low-Power Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
Low Power Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com