Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 9Page - STMicroelectronics STW5095 Datasheet HTML 10Page - STMicroelectronics STW5095 Datasheet HTML 11Page - STMicroelectronics STW5095 Datasheet HTML 12Page - STMicroelectronics STW5095 Datasheet HTML 13Page - STMicroelectronics STW5095 Datasheet HTML 14Page - STMicroelectronics STW5095 Datasheet HTML 15Page - STMicroelectronics STW5095 Datasheet HTML 16Page - STMicroelectronics STW5095 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
STw5095
3 Functional Description
13/69
AMCK can be either a squarewave or a sinewave, bit AMCKSIN in CR30 selects the proper
input mode. When a sinewave is used as input, AMCK pin must be decoupled with a capacitor.
Specification for sinusoidal input can be found in
Section 9.2: AMCK with sinusoidal input on
page 53.
The AMCK clock is not needed when only analog functions are used. For this purpose an
internal oscillator with no external components can be used to operate the device (see
Analog-only operation on page 17).
3.5
Data rates
STw5095 supports any data rate in 2 ranges: 8 kHz to 48 kHz and 88 kHz to 96 kHz. The range
is selected with bits DA96K and AD96K in CR29 for AD and DA paths respectively.
Note:
When AD96K=1 it is required to have DA96K=1.
The rates are fully independent in A/D and D/A paths. Moreover the rates do not have to be
specified to the device and they can change on the fly, within one range, while data is flowing.
The 2 audio data interfaces (for A/D and D/A) can independently operate in master or slave
mode.
3.6
Clock generators and master mode function
STw5095 provides 2 internal clock generators that can drive, if needed, the audio interfaces
(master mode), and/or two independent master clocks.
The AMCK clock input frequency is internally raised via a PLL to obtain a clock (MCK) in the
range 32 MHz to 48 MHz. The ratio MCK/AMCK is defined in CR30 (see MCKCOEFF in
Section 4.6 on page 32).
MCK is used to obtain, by fractional division, the oversampled clock (OCK), word clock (SYNC)
and bit clock (CK), that will therefore have edges aligned with MCK (the OCK period can have
jitter of 1 MCK period).
The frequency of OCK, SYNC and CK is set with DAOCKF in CR21/20 for DA interface, and
ADOCKF in CR24/23 for AD interface.
The ratio between OCK and SYNC clocks is selected with bit DAOCK512 in CR22 for DA
interface and bit ADOCK512 in CR25 for AD interface. The ratio between CK and SYNC clocks
depends on the selected interface format (see
Audio digital interfaces paragraph below). Note
that SPI format can only be slave.
The ADOCK and DAOCK output clocks are activated by bits ENADOCK and ENDAOCK
respectively, while master mode generation is activated with two bits: first ADMAST (DAMAST)
sets ADSYNC and ADCK (DASYNC and DACK) pins as outputs, then ADMASTGEN
(DAMASTGEN) generates the SYNC and CK clocks. The logical value at SYNC and CK pins
before data generation depends on the interface selected format.
See description of CR20 to CR25 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com