Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 45Page - STMicroelectronics STW5095 Datasheet HTML 46Page - STMicroelectronics STW5095 Datasheet HTML 47Page - STMicroelectronics STW5095 Datasheet HTML 48Page - STMicroelectronics STW5095 Datasheet HTML 49Page - STMicroelectronics STW5095 Datasheet HTML 50Page - STMicroelectronics STW5095 Datasheet HTML 51Page - STMicroelectronics STW5095 Datasheet HTML 52Page - STMicroelectronics STW5095 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
STw5095
7 Timing Specifications
49/69
7
Timing Specifications
Unless otherwise specified, VCCIO = 1.71V to 2.7V,Tamb = -30°C to 85°C, max capacitive load
20 pF; typical characteristics are specified at VCCIO = 2.4 V, Tamb = 25 °C; all signals are
referenced to GND, see Note below figure for timing definitions.
Note:
A signal is valid if it is above VIH or below VIL and invalid if it is between VIL and VIH. For the
purpose of this specification the following conditions apply (see Figure 12 above):
a) All input signal are defined as: VIL =0.2•VCCIO, VIH =0.8•VCCIO, tR < 10ns, tF < 10ns.
b) Delay times are measured from the inputs signal valid to the output signal valid.
c) Setup times are measured from the data input valid to the clock input invalid.
d) Hold times are measured from the clock signal valid to the data input invalid.
Note:
All timing specifications subject to change.
Figure 12. A.C. testing input-output waveform
AC Testing: inputs are driven at 0.8
•VCCIO for a logic ‘1’ and 0.2•VCCIO for a logic ‘0’.
Timing measurements are made at 0.7
•VCCIO for a logic ‘1’ and 0.3•VCCIO for a logic ‘0’.
TEST POINTS
0.7
•VCCIO
0.3
•VCCIO
0.7
•VCCIO
0.3
•VCCIO
0.8
•VCCIO
0.2
•VCCIO
INPUT
⁄ OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com