Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 28Page - STMicroelectronics STW5095 Datasheet HTML 29Page - STMicroelectronics STW5095 Datasheet HTML 30Page - STMicroelectronics STW5095 Datasheet HTML 31Page - STMicroelectronics STW5095 Datasheet HTML 32Page - STMicroelectronics STW5095 Datasheet HTML 33Page - STMicroelectronics STW5095 Datasheet HTML 34Page - STMicroelectronics STW5095 Datasheet HTML 35Page - STMicroelectronics STW5095 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
4 Control Registers
STw5095
32/69
4.6
Digital audio interfaces master mode and clock generators
CR#
(hex)
Description
D7
D6D5
D4
D3D2
D1D0
Def.
CR20 (14h)
DAOCK Frequency Ls byte
DAOCKF(7:0)
0000 0000
CR21 (15h)
DAOCK Frequency Ms byte
DAOCKF(15:8)
0000 0000
CR22 (16h)
DA Clock Generator Control
X
X
DAMAST
DAMASTGEN
ENDAOCK
DAOCK512
DAPCMF(1:0)
0000 0000
CR23 (17h)
ADOCK Frequency Ls byte
ADOCKF(7:0)
0000 0000
CR24 (18h)
ADOCK Frequency Ms byte
ADOCKF(15:8)
0000 0000
CR25 (19h)
AD Clock Generator
Control
X
X
ADMAST
ADMASTGEN
ENADOCK
ADOCK512
ADPCMF(1:0)
0000 0000
Bits
Name CR21-20
Name CR24-23
Value
CR21-20 and CR24-23 Description
Def.
15-0
DAOCKF(15:0)
ADOCKF(15:0)
K
The following formulas can be used to obtain the value of K for the
desired FS or OCK respectively in the clock generator
0000h
Note: CR21-20 and CR24-23 are meaningful in Master Mode Only.
KFS
()
round 2
25
FS
AMCK
MCKCOEFF
--------------------------------------------------------------
⎝⎠
⎛⎞
=
KOCK
()
roun d 2
25
OC K
AMCK
MCKCOEFF
OSR
------------------------------------------------------------------------------------
⎝⎠
⎛⎞
=
FS:
Data Rate (DA_SYNC or AD_SYNC frequency in
Master Mode)
OCK:
Oversampled Clock Frequency
(DA_OCK or AD_OCK)
AMCK:
Input Master Clock Frequency
MCKCOEFF:
See CR30 for definition
OSR:
See bit 2 in CR22 and CR25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com