Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 2 Page - STMicroelectronics

  STW5095 Datasheet HTML 1Page - STMicroelectronics STW5095 Datasheet HTML 2Page - STMicroelectronics STW5095 Datasheet HTML 3Page - STMicroelectronics STW5095 Datasheet HTML 4Page - STMicroelectronics STW5095 Datasheet HTML 5Page - STMicroelectronics STW5095 Datasheet HTML 6Page - STMicroelectronics STW5095 Datasheet HTML 7Page - STMicroelectronics STW5095 Datasheet HTML 8Page - STMicroelectronics STW5095 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
STw5095
2/69
Description
STw5095 is a low power asynchronous stereo
audio
CODEC
device
with
headphones
amplifiers for high quality audio listening and
recording.
The STw5095 control registers are accessed
through a selectable I2C-bus compatible or SPI
compatible interface.
The
STw5095
asynchronous
stereo
audio
CODEC is designed to easily fit in most audio
systems because it supports an extended master
clock range (any value between 4 MHz and
32 MHz) and at the same time it supports any
audio data rate (independent in AD and DA
paths) from 8 kHz to 48 kHz and from 88 kHz to
96 kHz, moreover it can tolerate jitter on audio
data without degrading performance. The audio
data serial interfaces (for AD and DA) can be
Master or Slave, are I2S compatible and they
support other formats that can easily interface to
standard serial ports. The two audio interfaces
can be used as a single bidirectional interface.
Two frequency programmable clock sources are
available to generate the master clock for the
audio sub-system of other devices. The internal
D to A and A to D converters work with up to
24 bit resolution.
The supply voltage can be the same for the
whole device, in the range 2.4 V to 2.7 V, or it can
be differentiated for digital (VCC: 1.8 V to 2.7 V),
analog (VCCA: 2.4 V to 3.3 V) and loudspeaker
driver (VCCLS: VCCA to 5.5 V) to obtain best
performance
and
maximum
power
to
the
loudspeaker (up to 500 mW).
STw5095 has multiple analog mixable inputs and
outputs. It can directly drive Stereo Headphones
without
external
capacitors
and
it
has
a
Loudspeaker driver that can also be used for
monophonic group listening. Stereo differential
and single ended microphones, auxiliary line in
stereo and mono signals can be mixed and
connected to the ADC or directly to the drivers,
mixed also with DAC audio signals.
STw5095 stereo audio Codec main applications
include multimedia handheld devices such as
cellular phones with added low-power high-
quality MP3 and
⁄ or FM radio listening/recording
features, or any battery powered equipment such
as PDAs, Camcorders, etc. that require Stereo
Audio Codec with Headphones drivers.
Ordering codes
Pin configuration (top view)
Part Number
Details
STw5095
TFBGA 64 Tray
STw5095T
TFBGA 64 Tape and Reel
A
B
C
D
E
F
G
H
12
345
67
8
SDA/SDIN
VCC
VCCA
HDET
DA_CK
AD_DATA DA_SYNC
IRQ
DA_OCK
AD_OCK
SCLK
GND
AD_CK
AMCK
AD_SYNC DA_DATA
CMOD
VCCA
MICLN
AUX1L
AS/CSB
VCC
GND
MBIAS
GNDA
AUX3L
MICLP
CAPMIC
VCCIO
VCCA
MICRN
AUX1R
CAPLS
LINEINL
AUX2LP
AUX2LN
AUX3R
GNDA
CAPLINEIN MICRP
LSPS
VCMHPS
GNDCM
OLN
LSNS
LINEINR
AUX2RP
AUX2RN
LSP
VCMHP
GNDP
OLP
LSN
VCCP
GNDP
ORN
GNDP
VCCLS
HPL
VCCP
GNDP
VCCLS
HPR
ORP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com