Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 17Page - STMicroelectronics STW5095 Datasheet HTML 18Page - STMicroelectronics STW5095 Datasheet HTML 19Page - STMicroelectronics STW5095 Datasheet HTML 20Page - STMicroelectronics STW5095 Datasheet HTML 21Page - STMicroelectronics STW5095 Datasheet HTML 22Page - STMicroelectronics STW5095 Datasheet HTML 23Page - STMicroelectronics STW5095 Datasheet HTML 24Page - STMicroelectronics STW5095 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
STw5095
4 Control Registers
21/69
4.2
Supply and power control
CR#
(hex)
Description
D7D6D5D4D3D2D1D0
Def.
CR0 (00h)
Supply & Power Control #1
POWERUP
ENANA
ENAMCK
ENOSC
ENPLL
ENHSD
A24V
D12V
0000 0000
CR1 (01h)
Power Control #2
ENADCL
ENADCR
ENDACL
ENDACR
ENMICL
ENMICR
ENLINL
ENLINR
0000 0000
CR2 (02h)
Power Control #3
ENLOL
ENLOR
ENHPL
ENHPR
ENHPVCM
ENLS
ENMIXL
ENMIXR
0000 0000
Bits
Name
Val.
CR0 Description
Def.
7POWERUP
1
0
All the enabled analog and digital blocks are in power up
All the device is in power down
0
6
ENANA
1
0
The analog blocks can be enabled
All the analog blocks are in power down
0
5ENAMCK
1
0
AMCK clock input pin is enabled
AMCK clock input pin is disabled
0
4ENOSC
1
0
The Internal Oscillator is enabled. The analog blocks use Oscillator
clock
The Internal Oscillator is in power down
0
3ENPLL
1
0
The PLL is enabled
The PLL is in power down
0
2
ENHSD
1
0
The Headset Plug-in Detector is enabled
The Headset Plug-in Detector is disabled
0
1A24V
1
0
Analog Supply Pins voltage range is 2.4V<VCCA<2.7V
Analog Supply Pins voltage range is 2.7V<VCCA<3.3V
0
0D12V
1
0
Digital I/O Pins voltage range is 1.2V<VCCIO<1.8V
Digital I/O Pins voltage range is 1.71V<VCCIO<VCC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com