Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8331
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 4 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT8337/LT8337-1
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, EN/UVLO = 2V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8337EV/LT8337EV-1 are guaranteed to meet performance
specifications from the 0°C to 125°C junction temperature. Specifications
over the –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical process
controls. The LT8337JV/LT8337JV-1 are guaranteed to meet performance
specifications over the –40°C to 150°C operating junction temperature
ranges. High junction temperatures degrade operating lifetimes; operating
lifetime is de-rated for junction temperatures greater than 125°C.
Note 3: These ICs include overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 4: θ values are determined by simulation per JESD51 conditions.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Bottom Switch On-Resistance
ISW = 1A
32
mΩ
Bottom Switch Current Limit
l
5
6
6.6
A
Bottom Switch Minimum Off-time
20
50
ns
Bottom Switch Minimum On-time
VIN = 9.5V, VOUT = 10V
20
80
ns
Top Switch On-Resistance
ISW = 1A
35
mΩ
SW Leakage Current
VOUT = 28V, SW = 0V, 28V
–1.5
1.5
μA
VOUT Pin Current
SYNC/MODE = 0V, VOUT = 10V, Not Switching
1
μA
VIN = 10.1V, VOUT = 10V , FB = 1.05V (In PassThru Mode)
30
μA
PassThru Mode VIN to VOUT Threshold
(VIN – VOUT)
VIN Rising
VIN Falling
0
–0.6
V
V
PassThru Mode Top Switch Reverse
Current Limit
VIN = 9.9V, VOUT = 10V, FB = 1.05V (Top Switch Turns Off)
1.5
A
Efficiency and Power Loss
vs Output Current
Efficiency and Power Loss
vs Output Current
Burst Mode Efficiency
vs Inductor Value
INDUCTOR VALUE (H)
1
2
3
4
5
65
70
75
80
85
90
95
100
83371 G03
FRONT PAGE CIRCUIT
ILOAD = 10mA
1.0 H: COILCRAFT XGL4020-102ME
1.5 H: COILCRAFT XGL4020-152ME
2.2 H: COILCRAFT XEL5030-222ME
4.7H: COILCRAFT XAL5030-472ME
VIN = 13V
VIN = 5V
OUTPUT CURRENT (mA)
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
83371 G01
VIN = 13V
VIN = 5V
FRONT PAGE CIRCUIT
FRONT PAGE CIRCUIT
VIN = 7.2V
OUTPUT CURRENT (mA)
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
83371 G02
BURST EFFICIENCY
BURST LOSS
PULSE-SKIPPING
EFFICIENCY
PULSE-SKIPPING
LOSS
TYPICAL PERFORMANCE CHARACTERISTICS T
A ≈ TJ = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com