Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8331
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8337/LT8337-1
11
Rev. 0
For more information www.analog.com
OPERATION
The LT8337/LT8337-1 uses a fixed frequency, current
mode control scheme to provide excellent line and load
regulation. Referring to the Block Diagram, the Switching
Logic and Charge Pump block turns on the power switch
M1 through driver G1 at the start of each oscillator cycle.
During the M1 switch on-phase, the inductor current IL
flows through M1. A current proportional to the M1 switch
current is added to a stabilizing slope compensation ramp
and the resulting sum is fed into the positive terminal
of the PWM comparator A1. The voltage at the negative
input of A1, labeled “VC”, is set by the error amplifier EA
and is an amplified version of the difference between the
feedback voltage FB and the reference voltage. During
the M1 on-phase, IL increases. When the signal at the
positive input of A1 exceeds VC, A1 sends out a signal to
the Switching Logic and Charge Pump block to turn off
M1. When M1 turns off, the synchronous power switch
M2 turns on until the next clock cycle begins or induc-
tor current IL falls to zero. During the M1 off-phase, IL
decreases. Through this repetitive action, the EA sets the
correct IL peak current level to keep the output in regula-
tion. VIN and VOUT are constantly monitored by the IC.
When VIN rises above VOUT (causing A3’s output high)
and at the same time VOUT is higher than its regulation
voltage programmed by the FB resistor network, the IC
enters PassThru operation, where M2 is kept on continu-
ously and M1 is kept off continuously, and the VOUT is
essentially shorted to VIN by the inductor and M2. See
Applications Information section for further details.
The IC features Silent Switcher architecture to minimize
EMI emissions while delivering high efficiency. The Silent
Switcher EMI cancellation loops are completed by placing
one 1µF capacitor between VOUT at pin 6 and GND at pin 5
and a matching 1µF capacitor between VOUT at pin 7 and
GND at pin 8 (see Applications Information section for
further details).
The EN/UVLO pin controls whether the IC is enabled or
is in shutdown state. A 1.0V reference and a comparator
A2 with 90mV hysteresis (Block Diagram) allow the user
to accurately program the supply voltage at which the IC
turns on and off. See the Applications Information section
for further details.
The LT8337/LT8337-1 features a variety of operation
modes which can be selected by SYNC/MODE pin to opti-
mize the converter performance based on the application
requirements. The low ripple Burst Mode operation can
be selected to optimize the efficiency at light loads. The
spread spectrum frequency modulation function can be
selected to minimize the EMI emissions.
Pulling SYNC/MODE pin to ground selects Burst Mode
operation. Connecting this SYNC/MODE to ground
through a 50k resistor selects Burst Mode operation with
spread spectrum frequency modulation. Floating SYNC/
MODE pin selects pulse-skipping operation. Connecting
SYNC/MODE pin to INTVCC selects pulse-skipping oper-
ation with spread spectrum frequency modulation. If a
clock is applied to the SYNC/MODE pin, the IC synchro-
nizes to an external clock frequency and operates in pulse-
skipping mode. See the Applications Information section
for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com