Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8331
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT8337/LT8337-1
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum On/Off Times vs
Temperature
Switching Waveforms, Full
Frequency PWM Operation
Switching Waveforms,
Continuous Burst Mode Operation
Switching Waveforms,
Discontinuous Burst Mode Operation
Switching Waveforms, Light Load
Low IQ Burst Mode Operation
Switching Waveforms,
Discontinuous Pulse-Skipping Mode
TA ≈ TJ = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
10
20
30
40
50
60
70
83371 G22
MIN ON TIME
MIN OFF TIME
VOUT = 30V
2s/DIV
83371 G23
IL
2A/DIV
0A
VSW
10V/DIV
VIN = 5V
ILOAD = 1.2A
FRONT PAGE CIRCUIT
2s/DIV
83371 G24
IL
1A/DIV
0A
VSW
10V/DIV
VIN = 5V
ILOAD = 250mA
FRONT PAGE CIRCUIT
5s/DIV
83371 G25
IL
1A/DIV
0A
VSW
10V/DIV
VIN = 5V
ILOAD = 50mA
FRONT PAGE CIRCUIT
10ms/DIV
83371 G26
IL
1A/DIV
0A
VSW
10V/DIV
VIN = 5V
ILOAD = 0mA
FRONT PAGE CIRCUIT
500ns/DIV
83371 G27
IL
0.5A/DIV
0A
VSW
10V/DIV
VIN = 7.2V
ILOAD = 10mA
FRONT PAGE CIRCUIT
Waveforms, PassThru
Mode Operation
Waveforms, Reverse Current
Protection in PassThru Mode
Switching Waveforms, Frequency
Foldback when VIN is close to VOUT
5s/DIV
VOUT, VIN
1V/DIV
IL
1A/DIV
VSW
20V/DIV
0V
1A
ILOAD = 1A
VIN = 15.5V
FRONT PAGE CIRCUIT
VIN
VOUT
83371 G28
50s/DIV
VOUT, VIN
1V/DIV
IL
2A/DIV
VSW
20V/DIV
FRONT PAGE CIRCUIT
VOUT
VIN
–1.6A
15.6V
200mA
83371 G29
5s/DIV
VOUT, VIN
1V/DIV
IL
1A/DIV
1A
VSW
20V/DIV
ILOAD = 1A
FRONT PAGE CIRCUIT
VOUT
VIN
15V
83371 G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com