Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8331
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 5 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT8337/LT8337-1
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current at
Different Switching Frequencies
EN/UVLO Thresholds vs
Temperature
FB Regulation Voltage vs
Temperature
Oscillator Frequency vs
Temperature
Oscillator Frequency with Spread
Spectrum Modulation
Switching Waveforms, Soft-Start
TA ≈ TJ = 25°C, unless otherwise noted.
EN/UVLO RISING
EN/UVLO FALLING
TEMPERATURE (C°)
–50 –25
0
25
50
75 100 125 150
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
Temperature
83371 G05
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.99
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
1.008
1.01
83371 G06
1ms/DIV
83371 G09
VOUT
5V/DIV
EN/UVLO
2V/DIV
VIN = 7.2V
FRONT PAGE CIRCUIT
15V
LOAD CURRENT (mA)
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
83371 G04
1MHz, L = 4.7H
2MHz, L = 2.2H
3MHz, L = 1.5H
FRONT PAGE CIRCUIT
VIN = 7.2V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.9
1.92
1.94
1.96
1.98
2
2.02
2.04
2.06
2.08
2.1
83371 G07
RT = 47.5kΩ
SYNC/MODE = OPEN
TIME (s)
83371 G08
0
50
100
150
200
250
300
1.9
2.1
2.0
2.2
2.3
2.4
2.5
RT = 47.5kΩ
SYNC/MODE = INTVCC
Switching Waveforms, Soft-Start
at Different VIN Voltages
Bottom Switch Current Limit vs
Temperature
Bottom Switch Current Limit vs
Duty Cycle
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
8337 G11
DUTY CYCLE (%)
0
25
50
75
100
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
83371 G12
1ms/DIV
83371 G10
VOUT
10V/DIV
EN/UVLO
2V/DIV
VIN = 13V
FRONT PAGE CIRCUIT
VOUT AT VIN = 13V
VOUT AT VIN = 9V
VOUT AT VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com