Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 24 Page - Analog Devices

Part # LT8331
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8331 Datasheet HTML 16Page - Analog Devices LT8331 Datasheet HTML 17Page - Analog Devices LT8331 Datasheet HTML 18Page - Analog Devices LT8331 Datasheet HTML 19Page - Analog Devices LT8331 Datasheet HTML 20Page - Analog Devices LT8331 Datasheet HTML 21Page - Analog Devices LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8337/LT8337-1
24
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
05/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT8330
1A (ISW), 60V, 2MHz High Efficiency Boost/SEPIC/
Inverting DC/DC Converter
VIN = 3V to 40V, VOUT(MAX) = 60V, IQ = 6µA (Burst Mode Operation), ISD = <1µA,
ThinSOT, 2mm × 3mm DFN Packages
LT8331
0.5A (ISW), 140V, 500kHz High Efficiency Boost/
Flyback/SEPIC/Inverting DC/DC Converter
VIN = 4.5V to 100V, VOUT(MAX) = 135V, IQ = 6µA (Burst Mode Operation), ISD = <1µA,
MSOP-16(12)E
LT3957A/
LT3957
Boost, Flyback, SEPIC and Inverting Converter
with 5A/40V Switch
3V ≤ VIN ≤ 40V, Current Mode Control, 100kHz to 1MHz Programmable Operation
Frequency, 5mm × 6mm QFN-36 Package
LT3958
High Input Voltage, Boost, Flyback, SEPIC and
Inverting Converter with 3.5A/80V Switch
5V ≤ VIN < 80V, Current Mode Control, 100kHz to 1MHz Programmable Operation
Frequency, 5mm × 6mm QFN-36 Package
LT8335
28V, 2A, Low IQ Boost/SEPIC/Inverting 2MHz
Converter
VIN = 3V to 25V, VOUT(MAX) = 25V, IQ = 6µA (Burst Mode Operation), 3mm × 2mm
DFN Package
LT8336
40V, 2.5A, Low IQ Synchronous Step-Up Silent
Switcher
VIN = 2.7V to 40V, VOUT(MAX) = 40V, IQ = 4μA (Burst Mode Operation), 3mm × 3mm
LQFN Package
LT8362
60V, 2A, Low IQ Boost/SEPIC/Inverting 2MHz
Converter
VIN = 2.8V to 60V, VOUT(MAX) = 60V, IQ = 9µA (Burst Mode Operation),
MSOP-16(12)E, 3mm × 3mm DFN-10 Packages
LT8364
60V, 4A, Low IQ Boost/SEPIC/Inverting 2MHz
Converter
VIN = 2.8V to 60V, VOUT(MAX) = 60V, IQ = 9µA (Burst Mode Operation),
MSOP-16(12)E, 4mm × 3mm DFN-12 Packages
LT8494
70V, 2A Boost/SEPIC 1.5MHz High Efficiency
Step-Up DC/DC Converter
VIN = 1V to 60V (2.5V to 32V Start-Up), VOUT(MAX) = 70V, IQ = 3µA (Burst Mode
Operation), ISD = <1µA, 20-Lead TSSOP
LT8580
1A (ISW), 65V 1.5MHz, High Efficiency Step-Up
DC/DC Converter
VIN: 2.55V to 40V, VOUT(MAX) = 65V, IQ = 1.2mA, ISD = <1µA,
3mm × 3mm DFN-8, MSOP-8E
8V to 16V Input, 24V Output Boost Converter
Efficiency and Power Loss
vs Output Current
VIN = 16V
VIN = 8V
OUTPUT CURRENT (mA)
0.1
1
10
100
1k 3k
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1k
10k
vs Output Current
83371 TA06b
Burst Mode OPERATION
L: COILCRAFT XEL5030-472ME
10µF
50V
X7R
×4
1µF
50V
X7R
×2
INTVCC
SYNC/MODE
VC
VIN
SW
BST
EN/UVLO
FB
GND
VOUT
LT8337-1
RT
L
4.7µH
0.1µF
1M
43.2k
1µF
102k
1MHz
4.7pF
1M
162k
UVLOFALLING = 7.2V
10µF
50V
X7R
83371 TA06a
VOUT
24V
1.2A AT 8VIN
2.4A AT 16VIN
VIN
8V TO 16V
100k
220pF
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com