Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 12 Page - Analog Devices

Part # LT8331
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT8337/LT8337-1
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Light Load Current Operation—Burst Mode Operation
or Pulse-Skipping
To enhance the efficiency at light loads, the LT8337/
LT8337-1 features operate in low ripple Burst Mode
operation. When the IC is enabled for Burst Mode opera-
tion, the minimum peak inductor current is set to approxi-
mately 1.2A even though the VC node Block Diagram)
indicates a lower value. In this condition, the IC maintains
the output regulation voltage by reducing the switching
frequency instead of reducing the inductor peak current.
In light load Burst Mode operation the IC delivers single
pulses of current to the output capacitor followed by sleep
periods during which the output power is supplied by
the output capacitor. This low ripple Burst Mode opera-
tion minimizes the input quiescent current and minimizes
output voltage ripple.
As the output load decreases, the frequency of single cur-
rent pulses decreases and the percentage of time the IC
is in sleep mode increases, resulting in much higher light
load efficiency than for typical converters. By maximizing
the time between pulses, the converter VIN pin quiescent
current approaches 4µA (LT8337) or 23µA (LT8337-1)
for a typical application when there is no output load.
To optimize the quiescent current performance at light
loads, the current in the feedback resistor divider should
be minimized as it appears to the output as load current.
In order to achieve higher light load efficiency, more
energy should be delivered to the output during the single
small pulses in Burst Mode operation such that the IC can
stay in sleep mode longer between each pulse. This can
be achieved by using a larger value inductor. For example,
while a smaller inductor value would typically be used for
a high switching frequency application, if high light load
efficiency is desired, a larger inductor value should be
chosen. See the Burst Mode Efficiency vs Inductor Value
curve in the Typical Performance Characteristics section
for more information.
Programming VIN Turn-On and Turn-Off Thresholds
with the EN/UVLO Pin
The falling threshold voltage and rising hysteresis voltage
of the EN/UVLO pin can be calculated by Equation 1.
VVIN,FALLING = 1.0V •
(R3 + R4)
R4
VVIN,RISING = 90mV • (R3 + R4)
R4
+ VVIN,FALLING
(1)
When in Burst Mode operation with light load currents,
the current through the resistor network R3 and R4 can
easily be greater than the supply current consumed by the
IC. Therefore, large resistors can be used for R3 and R4
to minimize their effect on efficiency at light loads.
EN/UVLO pin can be tied to VIN if the shutdown feature
is not used, or alternatively, the pin may be tied to a logic
level if shutdown control is required. The IC draws a low
VIN quiescent current of 0.3µA (typical) When EN/UVLO
is below 0.15V.
INTVCC Regulator
An internal low dropout (LDO) regulator produces the
3.5V supply from VIN that powers the drivers and the
internal bias circuitry. The INTVCC pin must be bypassed
to ground with a minimum of 1μF ceramic capacitor.
Good bypassing is necessary to supply the high tran-
sient currents required by the power MOSFET gate driv-
ers. Applications with high VIN voltage and high switching
frequency increase die temperature because of the higher
power dissipation across the LDO. When VIN is lower than
2.95V for LT8337 or 2.90V for LT8337-1, the maximum
programmable switching frequency is lower due to the
voltage drop across the LDO. See the Max Programmable
Switching Frequency vs Input Voltage curve in the Typical
Performance Characteristics section for more informa-
tion. Do not connect an external load to the INTVCC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com