Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS93421 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 20Page - NXP Semiconductors FXLS93421 Datasheet HTML 21Page - NXP Semiconductors FXLS93421 Datasheet HTML 22Page - NXP Semiconductors FXLS93421 Datasheet HTML 23Page - NXP Semiconductors FXLS93421 Datasheet HTML 24Page - NXP Semiconductors FXLS93421 Datasheet HTML 25Page - NXP Semiconductors FXLS93421 Datasheet HTML 26Page - NXP Semiconductors FXLS93421 Datasheet HTML 27Page - NXP Semiconductors FXLS93421 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
LPF 400 Hz, 4p
LPF 400 Hz, 3p
LPF 180 Hz, 2p
LPF 325 Hz, 3p
LPF 1500 Hz, 4p
LPF 800 Hz, 4p
User range
(g)
Peak
LSB 12 bit
RMS
LSB 12 bit
Peak
LSB 12 bit
RMS
LSB 12 bit
Peak
LSB 12 bit
RMS
LSB 12 bit
Peak
LSB 12 bit
RMS
LSB 12 bit
Peak
LSB 12 bit
RMS
LSB 12 bit
Peak
LSB 12 bit
RMS
LSB 12 bit
15.5
27
7
28
7
20
5
25
7
53
14
39
10
25
17
5
18
5
12
3
16
4
33
9
24
6
50
8
2
9
2
6
2
8
2
16
4
12
3
62.5
7
2
7
2
5
2
7
2
13
4
10
3
100
5
1
5
2
3
1
4
1
9
2
6
2
125
4
1
4
1
3
1
4
1
7
2
5
2
150
3
1
3
1
2
1
3
1
6
2
4
1
Table 28. Z-axis, Medium g, SPI/DSI3 12-bit noise specification
Table 29 and Table 30 list the adjusted specification limits for some PSI5 10-bit user gain
settings and low-pass filter selections.
LPF 400 Hz, 4p
LPF 400 Hz, 3p
LPF 800 Hz, 4p
User range
(g)
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
30, PSI5
2
0.5
3
0.6
3
0.8
60, PSI5
1
0.5
2
0.6
2
0.8
120, PSI5
1
0.5
2
0.6
2
0.8
Table 29. Lateral, Medium g, PSI5 10-bit noise specifications
LPF 400 Hz, 4p
LPF 400 Hz, 3p
LPF 800 Hz, 4p
User range
(g)
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
30, PSI5
4
0.8
4
0.9
5
1.2
60, PSI5
2
0.5
3
0.6
3
0.8
120, PSI5
1
0.5
2
0.6
2
0.8
Table 30. Z-axis, Medium g, PSI5 10-bit noise specification
10.8 Electrical characteristics - inertial sensor self-test
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Med g Lateral Self-test, 62 g, U_SNS_SHIFT = 0x2, U_SNS_MULT = 0x00
ΔSTMIN
ΔSTNOM
ΔSTMAX
Low self-test, 14.80 g, 10-bit Signed Delta from Offset
STML_62X_10
54
121
188
LSB
7
High self-test, 44.50 g, 10-bit Signed Delta from Offset
STMH_62X_10
220
367
511
LSB
7
Low self-test, 14.80 g, 12-bit Signed Delta from Offset
STML_62X_12
218
485
752
LSB
7
High self-test, 44.50 g, 12-bit Signed Delta from Offset
STMH_62X_12
881
1470
2047
LSB
7
Low self-test, 14.80 g, 16-bit SPI/PSI5 Extended Signed Delta from
Offset
STML_62X_16
3456
7744
12032
LSB
7
High self-test, 44.50 g, 16-bit SPI/PSI5 Extended Signed Delta from
Offset
STMH_62X_16
14080
23488
32767
LSB
7
10687
Low self-test, 14.80 g, 16-bit Signed SNSDATAx Register Delta from
Offset
*
STML_62X_13
436
970
1504
LSB
1
10688
High self-test, 44.50 g, 16-bit Signed SNSDATAx Register Delta from
Offset
*
STMH_62X_13
1763
2939
4115
LSB
1
Table 31. Electrical characteristics - inertial sensor self-test
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
24 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com