Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS93421 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 29Page - NXP Semiconductors FXLS93421 Datasheet HTML 30Page - NXP Semiconductors FXLS93421 Datasheet HTML 31Page - NXP Semiconductors FXLS93421 Datasheet HTML 32Page - NXP Semiconductors FXLS93421 Datasheet HTML 33Page - NXP Semiconductors FXLS93421 Datasheet HTML 34Page - NXP Semiconductors FXLS93421 Datasheet HTML 35Page - NXP Semiconductors FXLS93421 Datasheet HTML 36Page - NXP Semiconductors FXLS93421 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test notes
26413
Cutoff Frequency, Filter Option #9, 4-Pole
*
fc9_16
—
500
—
Hz
7, 8, 9, 11
10860
Cutoff Frequency, Filter Option #10, 4-Pole
*
fc10_16
—
800
—
Hz
7, 8, 9, 11
10870
Cutoff Frequency, Filter Option #11, 3-Pole
*
fc11_16
—
1200
—
Hz
7, 8, 9, 11
10869
Cutoff Frequency, Filter Option #12, 3-Pole
*
fc12_16
—
120
—
Hz
7, 8, 9, 11
Cutoff Frequency, Filter Option #13, 3-Pole
*
fc13_16
—
20,000
—
Hz
7, 8, 9, 11
10868
Cutoff Frequency, Filter Option #14, 2-Pole
*
fc14_16
—
120
—
Hz
7, 8, 9, 11
38364
Cutoff Frequency, Filter Option #15, 2-Pole
*
fc15_16
—
50
—
Hz
7, 8, 9, 11
DSP Low-Pass Filters (Signal Chain Sample Time = 32 µs)
38378
Cutoff Frequency, Filter Option #0, and #2, 4-Pole
*
fc0_32, fc2_32
—
200
—
Hz
7, 8, 9, 11
38379
Cutoff Frequency, Filter Option #1, and #3, 3-Pole
*
fc1_32, fc3_32
—
200
—
Hz
7, 8, 9, 11
38380
Cutoff Frequency, Filter Option #4, 3-Pole
*
fc4_32
—
162.5
—
Hz
7, 8, 9, 11
38381
Cutoff Frequency, Filter Option #5, 2-Pole
*
fc5_32
—
185
—
Hz
7, 8, 9, 11
38382
Cutoff Frequency, Filter Option #6, 2-Pole
*
fc6_32
—
90
—
Hz
7, 8, 9, 11
38383
Cutoff Frequency, Filter Option #7, 2-Pole
*
fc7_32
—
50
—
Hz
7, 8, 9, 11
38384
Cutoff Frequency, Filter Option #8, 4-Pole
*
fc8_32
—
750
—
Hz
7, 8, 9, 11
38385
Cutoff Frequency, Filter Option #9, 3-Pole
*
fc9_32
—
250
—
Hz
7, 8, 9, 11
38386
Cutoff Frequency, Filter Option #10, 4-Pole
*
fc10_32
—
400
—
Hz
7, 8, 9, 11
38387
Cutoff Frequency, Filter Option #11, 4-Pole
*
fc11_32
—
600
—
Hz
7, 8, 9, 11
38388
Cutoff Frequency, Filter Option #12, 3-Pole
*
fc12_32
—
60
—
Hz
7, 8, 9, 11
Cutoff Frequency, Filter Option #13, 2-Pole
fc13_32
—
10,000
—
Hz
7, 8, 9, 11
38389
Cutoff Frequency, Filter Option #14, 2-Pole
*
fc14_32
—
60
—
Hz
7, 8, 9, 11
38390
Cutoff Frequency, Filter Option #15, 4-Pole
*
fc15_32
—
25
—
Hz
7, 8, 9, 11
DSP Low-Pass Filters (Signal Chain Sample Time = 64 µs)
38365
Cutoff Frequency, Filter Option #0, and #2, 4-Pole
*
fc0_64, fc2_64
—
100
—
Hz
7, 8, 9, 11
38366
Cutoff Frequency, Filter Option #1, and #3, 3-Pole
*
fc1_64, fc3_64
—
100
—
Hz
7, 8, 9, 11
38367
Cutoff Frequency, Filter Option #4, 3-Pole
*
fc4_64
—
81.25
—
Hz
7, 8, 9, 11
38368
Cutoff Frequency, Filter Option #5, 2-Pole
*
fc5_64
—
92.75
—
Hz
7, 8, 9, 11
38369
Cutoff Frequency, Filter Option #6, 2-Pole
*
fc6_64
—
45
—
Hz
7, 8, 9, 11
38370
Cutoff Frequency, Filter Option #7, 2-Pole
*
fc7_64
—
25
—
Hz
7, 8, 9, 11
38371
Cutoff Frequency, Filter Option #8, 4-Pole
*
fc8_64
—
375
—
Hz
7, 8, 9, 11
38372
Cutoff Frequency, Filter Option #9, 3-Pole
*
fc9_64
—
125
—
Hz
7, 8, 9, 11
38373
Cutoff Frequency, Filter Option #10, 4-Pole
*
fc10_64
—
200
—
Hz
7, 8, 9, 11
38374
Cutoff Frequency, Filter Option #11, 4-Pole
*
fc11_64
—
300
—
Hz
7, 8, 9, 11
38375
Cutoff Frequency, Filter Option #12, 3-Pole
*
fc12_64
—
30
—
Hz
7, 8, 9, 11
Cutoff Frequency, Filter Option #13, 2-Pole
*
fc13_64
—
5,000
—
Hz
7, 8, 9, 11
38376
Cutoff Frequency, Filter Option #14, 2-Pole
*
fc14_64
—
30
—
Hz
7, 8, 9, 11
38377
Cutoff Frequency, Filter Option #15, 4-Pole
*
fc15_64
—
12.5
—
Hz
7, 8, 9, 11
Table 38. Dynamic electrical characteristics - signal chain, low-pass filter...continued
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
33 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com