Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS93421 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 81Page - NXP Semiconductors FXLS93421 Datasheet HTML 82Page - NXP Semiconductors FXLS93421 Datasheet HTML 83Page - NXP Semiconductors FXLS93421 Datasheet HTML 84Page - NXP Semiconductors FXLS93421 Datasheet HTML 85Page - NXP Semiconductors FXLS93421 Datasheet HTML 86Page - NXP Semiconductors FXLS93421 Datasheet HTML 87Page - NXP Semiconductors FXLS93421 Datasheet HTML 88Page - NXP Semiconductors FXLS93421 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Data transmitted
CHxDATA
TYPE1[2]
CHxDATA
TYPE1[1]
CHxDATA
TYPE1[0]
Data transmitted
Offset
canceled?
Moving
average?
Interpolation?
1
1
0
1
1
1
Temperature Sensor Data (As specified in Section 11.7.2)
Table 146. Channel data type 1 selection bits (CHxDATATYPE1)...continued
11.2.25.4 Signal chain moving average selection bits (MOVEAVG[1:0])
The signal chain moving average selection bits determine the input sample period to be
used for the signal chain moving average filter.
MOVEAVG[1] MOVEAVG[0]
Typical signal
sampling period
(Dependent on oscillator)
(µs)
Signal chain
moving average
Interpolation
0
0
Determined by LPF
Bypassed
Enabled
0
1
32
8 Sample Moving Average
Disabled
1
0
64
8 Sample Moving Average
Disabled
1
1
128
8 Sample Moving Average
Disabled
Table 147. Signal chain moving average selection bits (MOVEAVG[1:0])
Changes to these register bits reset the DSP data path. The contents of the SNSDATA_x
registers are not guaranteed until the DSP has completed initialization as specified in
Section 10.20. Reads of the SNSDATA_x registers and Sensor Data requests should be
prevented during this time.
11.2.26 Channel 0 and Channel 1 user configuration #4 registers (CH0_CFG_U4,
CH1_CFG_U4)
The Channel 0 and Channel 1 user configuration #4 registers are user programmable
read/write registers which contain channel-specific configuration information. These
registers are included in the read/write array error detection.
These registers are readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$43
CH0_CFG_U4
RESET_OC
INVERT
OC_FILT[1:0]
PCM
ARM_CFG[2:0]
$4B
CH1_CFG_U4
RESET_OC
INVERT
OC_FILT[1:0]
PCM
ARM_CFG[2:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 148. Channel 0 and Channel 1 user configuration #4 registers (CH0_CFG_U4, CH1_CFG_U4)
11.2.26.1 Reset offset cancellation startup bit (RESET_OC)
When the reset offset cancellation startup bit is written to logic 1, the offset cancellation
startup is forced to phase 0 and follows the phase advancement as documented in
Section 11.6.4.6. The RESET_OC bit is cleared when the offset cancellation phase
reaches phase 1.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
85 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com