Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS93421 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 48Page - NXP Semiconductors FXLS93421 Datasheet HTML 49Page - NXP Semiconductors FXLS93421 Datasheet HTML 50Page - NXP Semiconductors FXLS93421 Datasheet HTML 51Page - NXP Semiconductors FXLS93421 Datasheet HTML 52Page - NXP Semiconductors FXLS93421 Datasheet HTML 53Page - NXP Semiconductors FXLS93421 Datasheet HTML 54Page - NXP Semiconductors FXLS93421 Datasheet HTML 55Page - NXP Semiconductors FXLS93421 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.6.2 Supply error reporting disable bit (SUP_ERR_DIS)
The supply error disable bit allows the user to disable reporting of the supply errors in the
DSI3 PDCM and SPI status fields. See Section 11.2.2.5.
11.2.6.3 Reset control bits (RESET[1:0])
In DSI3 mode, SPI mode, I2C mode or PSI5 mode, a series of three consecutive register
write operations to the reset control bits results in a device reset. To reset the device, the
following register write operations must be performed in consecutive commands and in
the order shown in Table 76 or the device will reset.
Register write to DEVLOCK_WR
RES_1
RES_0
Effect
Register Write 1
0
0
No Effect
Register Write 2
1
1
No Effect
Register Write 3
0
1
Device RESET
Table 76. Reset control bits (RESET[1:0])
The response to a register write returns the new register value, including the values
written to the RESET[1:0] bits. After the third Register Write command, the device
initiates a reset and therefore does not transmit a response to this command or an
Acknowledge in I2C mode. The response to a register read returns '00' for RESET[1:0]
and terminates the reset sequence. The reset control bits are not included in the read/
write array error detection.
11.2.7 Write OTP enable register
The write OTP enable register is a user programmed read/write register that allows the
user to write the contents of the user programmed OTP array mirror registers to the OTP
registers. This register is included in the user read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$11
WRITE_OTP_EN UOTP_WR_
INIT
MARGIN_RD_
EN
RESERVED
RESERVED
EX_
COMMTYPE
EX_PADDR
UOTP_REGION[1:0]
Reset Value
0
0
0
0
0
0
0
0
Table 77. Write OTP enable register
11.2.7.1 Margin read enable bit (MARGIN_RD_EN)
The margin read enable bit initiates an OTP margin read test for all user programmable
OTP regions: UF2, UF0, and UF1. The user enabled OTP margin read test is not
intended for use in normal operation. It is intended for use only after user OTP
programming during manufacturing.
The procedure for completing an OTP margin read test is shown in step 1 through step 7:
1. Read the MREAD_STAT register to confirm that the MARGIN_RD_ACT and
MARGIN_RD_ERR bits are both cleared.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
52 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com