Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS93421 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 70Page - NXP Semiconductors FXLS93421 Datasheet HTML 71Page - NXP Semiconductors FXLS93421 Datasheet HTML 72Page - NXP Semiconductors FXLS93421 Datasheet HTML 73Page - NXP Semiconductors FXLS93421 Datasheet HTML 74Page - NXP Semiconductors FXLS93421 Datasheet HTML 75Page - NXP Semiconductors FXLS93421 Datasheet HTML 76Page - NXP Semiconductors FXLS93421 Datasheet HTML 77Page - NXP Semiconductors FXLS93421 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
0
0
0
0
0
0
$2C
PDCM_
RSPST3_L
PDCM_RSPST3[7:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
0
0
0
0
0
0
$2D
PDCM_
RSPST3_H
BRC_RSP3[1:0]
RESERVED
PDCM_RSPST3[12:8]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
0
0
0
0
0
0
Table 121. DSI3 and PSI5 start time registers (PDCM_RSPSTx_x)...continued
11.2.18.1 Periodic data collection mode response start time (PDCM_RSPSTx[12:0])
The periodic data collection mode response start time registers set the DSI3 periodic
data collection mode or PSI5 synchronous mode response start time for the associated
data and SOURCEID. The value is stored in 1.0 µs increments.
PDCM_RSPSTx[12:0]
Periodic data collection mode response start time
0
See Table 123
0 < PDCM_RSPSTx[12:0] < 20
20.0 µs
20 < PDCM_RSPSTx[12:0]
PDCM response start = PDCM_RSPST x 1.0 µs
Table 122. Periodic data collection mode response start time
(PDCM_RSPSTx[12:0])
Table 123 shows the relationship of the SOURCEID, the transmitted data, the response
start times, and the default states for each set of registers in DSI3 periodic data collection
mode. Care must be taken to prevent from programming response start times which
cause data contention in the system.
SOURCEID register
Transmitted data
Start time registers
Default start (PDCM_RSPSTx[12:0] = 0x00)
SOURCEID_0
CH0_SNSDATA0
PDCM_RSPST0[12:0]
Transmit Data with a start time of 20 µs
SOURCEID_1
CH0_SNSDATA1
PDCM_RSPST1[12:0]
Transmit Data with a start time of 20 µs
SOURCEID_2
CH1_SNSDATA0
PDCM_RSPST2[12:0]
Transmit Data with a start time of 20 µs
SOURCEID_3
CH1_SNSDATA1
PDCM_RSPST3[12:0]
Transmit Data with a start time of 20 µs
Table 123. Synchronous mode: Source ID response start time
Table 124 shows the PSI5 data transmission start times based on the values in the
PDCM_RSPSTx registers and the value of the ASYNC bit. Care must be taken to
prevent from programming time slots which violate the PSI5 Version 1.3 specification, or
time slots which will cause data contention.
ASYNC bit
SOURCEID
register
Transmitted data
Time slot
start time
Default start (PDCM_
RSPSTx[12:0] = 0x00)
1
SOURCEID_0
CH0_SNSDATA0
Asynchronous
Mode
tASYNC
Table 124. Asynchronous mode: Source ID response start time
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
74 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com