Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS93421 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 63Page - NXP Semiconductors FXLS93421 Datasheet HTML 64Page - NXP Semiconductors FXLS93421 Datasheet HTML 65Page - NXP Semiconductors FXLS93421 Datasheet HTML 66Page - NXP Semiconductors FXLS93421 Datasheet HTML 67Page - NXP Semiconductors FXLS93421 Datasheet HTML 68Page - NXP Semiconductors FXLS93421 Datasheet HTML 69Page - NXP Semiconductors FXLS93421 Datasheet HTML 70Page - NXP Semiconductors FXLS93421 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
SS_EN
Data latency
0
Synchronous Sampling Mode (Latency relative to Time Slot)
1
Simultaneous Sampling Mode (Latency relative to sync pulse)
Table 104. PSI5 simultaneous sampling enable (SS_EN)
In SPI mode, the simultaneous sampling enable bit selects between one of two data
latency methods.
SS_EN
Data latency
0
Synchronous sampling mode: The data for all sources is latent relative to the
falling edge of slave select for the response to the Sensor Data Request for the
corresponding SOURCEID.
1
Simultaneous sampling mode: The data for all sources is latent relative to the falling
edge of slave select for the response to the Sensor Data Request for SOURCEID_0.
If SOURCEID_0 is disabled, then the data for all SOURCEIDs is latent relative to the
falling edge of slave select for the response to the Sensor Data Request for lowest
enabled SOURCEID register address.
Note: If multiple SOURCEIDs are enabled, sensor data for the higher SOURCEID
register addresses only changes on a sensor data request for the lowest enabled
SOURCEID register address. If continuous sensor data requests occur without
sensor data requests for the lowest SOURCEID register address, sensor data
will not be updated. Care must be taken by the user to ensure proper data
transmissions.
Table 105. SPI simultaneous sampling enable (SS_EN)
In I2C mode, the simultaneous sampling enable bit is readable and writable but has no
impact on device operation or performance.
11.2.15.4 Chip time (CHIPTIME)
In DSI3 mode, the CHIPTIME bits set the chip time for Periodic Data Collection Mode
as described in Table 106. The chip time for Command and Response Mode and
Background Diagnostic Mode is always set to 5 µs with slew control enabled.
In PSI5 mode, the CHIPTIME bits set the bit time for the PSI5 response data as
described in Table 106.
PSI5
DSI3
CHIPTIME[3]
CHIPTIME[2]
CHIPTIME[1]
CHIPTIME[0]
Period time
Baud rate
Slew control
Chip time
Chip rate
Slew control
0
0
0
0
5.3 µs
189 kHz
Enabled
1.0 µs
1000 kHz
Disabled
0
0
0
1
5.3 µs
189 kHz
Enabled
2.0 µs
500.0 kHz
Disabled
0
0
1
0
5.3 µs
189 kHz
Enabled
2.5 µs
400.0 kHz
Enabled
0
0
1
1
5.3 µs
189 kHz
Enabled
2.6 µs
384.6 kHz
Enabled
0
1
0
0
5.3 µs
189 kHz
Enabled
2.6 µs
384.6 kHz
Enabled
0
1
0
1
5.3 µs
189 kHz
Enabled
2.7 µs
370.3 kHz
Enabled
0
1
1
0
5.3 µs
189 kHz
Enabled
2.8 µs
357.1 kHz
Enabled
0
1
1
1
5.3 µs
189 kHz
Enabled
2.9 µs
344.8 kHz
Enabled
1
0
0
0
8.0 µs
125 kHz
Enabled
3.0 µs
333.3 kHz
Enabled
1
0
0
1
8.0 µs
125 kHz
Enabled
3.1 µs
322.6 kHz
Enabled
1
0
1
0
8.0 µs
125 kHz
Enabled
3.2 µs
312.5 kHz
Enabled
1
0
1
1
8.0 µs
125 kHz
Enabled
3.3 µs
303.0 kHz
Enabled
1
1
0
0
8.0 µs
125 kHz
Enabled
3.5 µs
294.1 kHz
Enabled
Table 106. Chip time (CHIPTIME)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
67 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com