Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVMA2ES Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 35Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 36Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 37Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 38Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 39Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 40Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 41Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 42Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
39 / 125
aaa-028061
RESETBMCU
REG4_PG
REG3_PG
REG2_PG
Reg Power down
2 ms (max)
Recovery
REG4
REG3
REG2
REG1_PG
REG1
PGOOD
(optional)
Figure 17. Power up sequencer aborted as fault persists for longer than 2.0 ms
Supplies enabled after RESETBMCU are checked for OV, UV, and ILIM faults after each
of them is enabled. If an OV, UV or ILIM condition is present, the PF7100 starts a fault
detection and protection mechanism as described in Section 14.7 "Fault detection". At
this point, the MCU should be able to read the interrupt and react upon a fault event as
defined by the system.
When OTP_PG_CHECK = 1, if PGOOD is used as a GPIO, it may be released at any
time in the power up sequence as long as the RESETBMCU is released after one or
more of the SW or LDO regulators.
If a regulator fault occurs after RESETBMCU is de-asserted but before the power
up sequence is finalized, the power up sequence continues to turn on the remaining
regulators as configured, even if a fault detection mechanism is active on an earlier
regulator.
14.8 Interrupt management
The MCU is notified of any interrupt through the INTB pin and various interrupt registers.
The interrupt registers are composed by three types of bits to help manage all the
interrupt request in the PF7100:
• The interrupt latch XXXX_I: this bit is set when the corresponding interrupt event
occurs. It can be read at any time, and is cleared by writing a 1 to the bit.
• The mask bit XXXX_M: this bit controls whether a given interrupt latch pulls the INTB
pin low or not.
• When the mask bit is 1, the interrupt latch does not control the INTB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com