Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVMA2ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 2Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 3Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 4Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 5Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 9Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
6 / 125
Pin number Symbol
Application description
Pin type
Min
Max
Units
16
SW5LX
Buck 5 switching node
O
−0.3
6.0
V
17
XFAILB
External synchronization pin
I/O
−0.3
6.0
V
18
LDO2OUT
LDO2 output
O
−0.3
6.0
V
19
LDO2IN
LDO2 input supply
I
−0.3
6.0
V
20
LDO1IN
LDO1 input supply
I
−0.3
6.0
V
21
LDO1OUT
LDO1 output
O
−0.3
6.0
V
22
VSNVS2
VSNVS2 regulator output
O
−0.3
6.0
V
23
VSNVS1
VSNVS1 regulator output
O
−0.3
6.0
V
24
V1P5A
1.6 V analog core supply
O
−0.3
2.0
V
25
AMUX
Analog multiplexer output
O
−0.3
6.0
V
26
AGND
Analog ground
GND
−0.3
0.3
V
27
VIN
Main input voltage to PMIC
I
−0.3
6.0
V
28
V1P5D
1.6 V digital core supply
O
−0.3
2.0
V
29
DGND
Digital ground
GND
−0.3
0.3
V
30
SW2FB
Buck 2 feedback input
I
−0.3
6.0
V
31
SW1FB
Buck 1 feedback input
I
−0.3
6.0
V
32
TBBEN
Try before buy enable pin
I
−0.3
6.0
V
33
STANDBY
STANDBY input
I
−0.3
6.0
V
34
PWRON
PWRON input
I
−0.3
6.0
V
35
RESETBMCU
RESETBMCU open-drain output
O
−0.3
6.0
V
36
FSOB
Safety output pin
O
−0.3
6.0
V
37
INTB
INTB open-drain output
O
−0.3
6.0
V
38
PGOOD
PGOOD open-drain output
O
−0.3
6.0
V
39
SW1IN
Buck 1 input supply
I
−0.3
6.0
V
40
SW1LX
Buck 1 switching node
O
−0.3
6.0
V
41
SW2LX
Buck 2 switching node
O
−0.3
6.0
V
42
SW2IN
Buck 2 input supply
I
−0.3
6.0
V
43
SW3IN
Buck 3 input supply
I
−0.3
6.0
V
44
SW3LX
Buck 3 switching node
O
−0.3
6.0
V
45
SW4LX
Buck 4 switching node
O
−0.3
6.0
V
46
SW4IN
Buck 4 input supply
I
−0.3
6.0
V
47
NC
Reserved
—
—
—
—
48
VSELECT
LDO2 voltage select input
I
−0.3
6.0
V
49
EPAD
Exposed pad. Connect to ground.
GND
−0.3
0.3
V
8 Absolute maximum ratings
Table 4. Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Main input supply voltage
[1] −0.3
—
6.0
V
SWxVIN,
LDOxVIN
Regulator input supply voltage
[1] −0.3
—
6.0
V
VDDOTP
OTP programming input supply voltage
−0.3
—
10
V
[1]
Pin reliability may be affected if system voltages are above the maximum operating range of 5.5 V for extended period of time. To minimize system
reliability impact, system must not operate above 5.5 V for more than 1800 sec over the lifetime of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com