Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVMA2ES Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 39Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 40Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 41Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 42Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 43Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 44Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 45Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 46Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
43 / 125
The PWRON pin has two modes of operations as programed by the
OTP_PWRON_MODE bit.
When OTP_PWRON_MODE = 0, the PWRON pin operates in level sensitive mode. In
this mode, the device is in the corresponding OFF mode when the PWRON pin is pulled
low. Pulling the PWRON pin high is a necessary condition to generate a power on event.
PWRON may be pulled up to VSNVSx or VIN with an external 100 kΩ resistor, if device
is intended to come up automatically with VIN application. See Section 14.5 "Power up"
for details on power up requirements.
When OTP_PWRON_MODE = 1, the PWRON pin operates in edge sensitive mode. In
this mode, PWRON is used as an input from a push button connected to the PMIC.
When the switch is not pressed, the PWRON pin is pulled up to VIN externally through
a 100 kΩ resistor. When the switch is pressed, the PWRON pin should be shorted to
ground. The PWRON_S bit is high whenever the PWRON pin is at logic 0 and is low
whenever the PWRON pin is at logic 1.
The PWRON pin has a programmable debounce on the rising and falling edges as
shown in Table 29.
Table 29. PWRON debounce configuration in edge detection mode
Bits
Value
Falling edge debounce (ms)
Rising edge debounce (ms)
PWRON_DBNC[1:0]
00
32
32
PWRON_DBNC[1:0]
01
32
32
PWRON_DBNC[1:0]
10
125
32
PWRON_DBNC[1:0]
11
750
32
The default value for the power on debounce is set by the OTP_PWRON_DBNC[1:0]
bits.
Pressing the PWRON switch for longer than the debounce time starts a power on
event as well as generate interrupts which the processor may use to initiate PMIC state
transitions.
During the system-on states, when the PWRON button is pushed (logic 0) for longer than
the debounce setting, the PWRON_PUSH_I interrupt is generated. When the PWRON
button is released (logic 1) for longer than the debounce setting, the PWRON_REL_I
interrupt is generated.
The PWRON_1S_I, PWRON_2S_I, PWRON_3S_I, PWRON_4S_I and PWRON_8S_I
interrupts are generated when the PWRON pin is held low for longer than 1, 2, 3, 4 and 8
seconds respectively.
If PWRON_RST_EN = 1, pressing the PWRON for longer than the delay programmed by
TRESET[1:0] forces a PMIC reset. A PMIC reset initiates a power down sequence, wait
for 30 µs to allow all supplies to discharge and then it powers back up with the default
OTP configuration.
If PWRON_RST_EN = 0, the device starts a turn off event after push button is pressed
for longer than TRESET[1:0].
Table 30.  TRESET configuration
TRESET[1:0]
Time to reset
00
2 s
01
4 s
10
8 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com