Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVMA2ES Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 88Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 89Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 90Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 91Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 92Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 93Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 94Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 95Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
92 / 125
Bit name
Register
Bits
LDO registers
LDOx_WDBYPASS
LDOx CONFIG1
1
LDOx_PG_EN
LDOx CONFIG1
0
LDOx_PDGRP[1:0]
LDOx CONFIG2
6:5
LDO2HW_EN
LDO2 CONFIG2
4
VSELECT_EN
LDO2 CONFIG2
3
LDOx_RUN_EN
LDOx CONFIG2
1
LDOx_STBY_EN
LDOx CONFIG2
0
LDOx_SEQ [7:0]
LDOx PWRUP
7:0
VLDOx_RUN[3:0]
LDOx RUN VOLT
3:0
VLDOx_STBY[3:0]
LDOx STBY VOLT
3:0
AMUX_EN
AMUX
5
A soft WD reset may require all or some regulators to be reset to their default OTP
configuration. In the event a regulator is required to keep its current configuration
during a soft WD reset, a watchdog bypass bit is provided for each regulator
(SWx_WDBYPASS / LDOx_WDBYPASS).
• When the WDBYPASS = 0, the watchdog bypass is disabled and the output of the
corresponding regulator is returned to its default OTP value during the soft WD reset.
• When the WDBYPASS = 1, the watchdog bypass is enabled and the output of the
corresponding regulator is not affected by the soft WD reset, keeping its current
configuration.
During a soft WD reset, only regulators that are activated in the power up sequence go
back to their default voltage configuration if their corresponding WDBYPASS = 0.
Switching regulators returning to their default voltage configurations gradually reach
the new output voltage using its DVS configuration. LDO regulators returning to their
default configuration changes to the default output voltage configuration instantaneously.
Regulators with WDBYPASS = 0 and which are not activated during the power up
sequence turn off immediately.
After all output voltages, have transitioned to their corresponding default values, the
device waits for at least 30 μs before returning to the run state and announces it has
finalized the soft WD reset by asserting the INTB pin, provided the WDI_I interrupt is not
masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com