Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVMA2ES Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 40Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 41Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 42Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 43Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 44Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 45Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 46Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 47Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
44 / 125
TRESET[1:0]
Time to reset
11
16 s
The default value of the TRESET delay is programmable through the OTP_TRESET[1:0]
bits.
14.9.2 STANDBY
STANDBY is an input signal to the IC, when this pin is asserted, the device enters the
standby mode and when de-asserted, the part exits standby mode.
STANDBY can be configured as active high or active low using the STANDBYINV bit.
Table 31. Standby pin polarity control
STANDBY (pin)
STANDBYINV (I2C bit)
STANDBY control
0
0
Not in standby mode
0
1
In standby mode
1
0
In standby mode
1
1
Not in standby mode
14.9.3 RESETBMCU
RESETBMCU is an open-drain, active low output used to bring the processor (and
peripherals) in and out of reset.
The time slot RESETBMCU is de-asserted during the power up sequence is programmed
by the OTP_RESETBMCU_SEQ[7:0] bits, and it is a condition to enter the system-on
states.
During the system-on states, the RESETBMCU is de-asserted (pulled high), and it is
asserted (pulled low) as indicated in the power down sequence, when a system power
down or reset is initiated.
In the application, RESETBMCU can be pulled up to VDDIO or VSNVSx by a 100 kΩ
external resistor.
14.9.4 INTB
INTB is an open-drain, active low output. This pin is asserted (pulled low) when any
interrupt occurs, if the interrupt is not masked.
INTB is de-asserted after the corresponding interrupt latch is cleared by software, which
requires writing a “1” to the interrupt bit.
An INTB_TEST bit is provided to allow a manual test of the INTB pin. When INTB_TEST
is set to 1, the interrupt pin asserts for 100 µs and then de-asserts to its normal state.
The INTB_TEST bit self-clears to 0 automatically after the test pulse is generated.
In the application, INTB can be pulled up to VDDIO with an external 100 kΩ resistor.
14.9.5 XINTB
XINTB is an input pin used to receive an external interrupt and trigger an interrupt event
on the PF7100. It is meant to interact with the INTB pin of a companion PMIC, in order to
simplify MCU interaction to identify the source of the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com