Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVMA2ES Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 49Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 50Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 51Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 52Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 53Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 54Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 55Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 56Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
53 / 125
The PF7100 is designed to operate as a slave device during I2C communication. The
default I2C device address is set by the OTP_I2C_ADD[2:0].
Table 35. I2C address configuration
OTP_I2C_ADD[2:0]
Device address
000
0x08
001
0x09
010
0x0A
011
0x0B
100
0x0C
101
0x0D
110
0x0E
111
0x0F
See http://www.nxp.com/documents/user_manual/UM10204.pdf for detailed information
on the digital I2C communication protocol implementation.
During an I2C transaction, the communication latches after the 8th bit sent. If the data
sent is not a multiple of 8 bit, any word with less than 8 bits are ignored. If only 7 bits are
sent, no data is written and the logic does not provide an ACK bit to the MCU.
From an IC level, a wrong I2C command can create a system level safety issue. For
example, though the MCU may have intended to set a given regulator’s output to 1.0 V, it
may be erroneously registered as 1.1 V due to noise in the bus.
To prevent a wrong I2C configuration, various protective mechanisms are implemented.
14.9.14.1 I2C CRC verification
When this feature is enabled, a selectable CRC verification is performed on each I2C
transaction.
• When OTP_I2C_CRC_EN = 0, the CRC verification mechanism is disabled.
• When OTP_I2C_CRC_EN = 1, the CRC verification mechanism is enabled.
After each I2C transaction, the device calculates the corresponding CRC byte to ensure
that the configuration command has not been corrupted.
When a CRC fault is detected, the PF7100 ignores the erroneous configuration
command and triggers a CRC_I interrupt asserting the INTB pin, provided the interrupt is
not masked.
The PF7100 implements a CRC-8-SAE, per the SAE J1850 specification.
• Polynomial = 0x11D
• Initial value = 0xFF
aaa-028696
7
MSB Data
6
5
4
1
0
3
I2C CRS Polynominal
Seed: 1 1 1 1 1 1 1 1
2
Figure 23. 8-bit SAE J1850 CRC polynomial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com