Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1968 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 1 Page - Linear Technology

  LTC1968 Datasheet HTML 1Page - Linear Technology LTC1968 Datasheet HTML 2Page - Linear Technology LTC1968 Datasheet HTML 3Page - Linear Technology LTC1968 Datasheet HTML 4Page - Linear Technology LTC1968 Datasheet HTML 5Page - Linear Technology LTC1968 Datasheet HTML 6Page - Linear Technology LTC1968 Datasheet HTML 7Page - Linear Technology LTC1968 Datasheet HTML 8Page - Linear Technology LTC1968 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1968
1968f
Precision Wide Bandwidth,
RMS-to-DC Converter
■ High Linearity:
0.02% Linearity Allows Simple System Calibration
■ Wide Input Bandwidth:
Bandwidth to 1% Additional Gain Error: 500kHz
Bandwidth to 0.1% Additional Gain Error: 150kHz
3dB Bandwidth Independent of Input Voltage
Amplitude
■ No-Hassle Simplicity:
True RMS-DC Conversion with Only One External
Capacitor
Delta Sigma Conversion Technology
■ Ultralow Shutdown Current:
0.1µA
■ Flexible Inputs:
Differential or Single Ended
Rail-to-Rail Common Mode Voltage Range
Up to 1VPEAK Differential Voltage
■ Flexible Output:
Rail-to-Rail Output
Separate Output Reference Pin Allows Level Shifting
■ Small Size:
Space Saving 8-Pin MSOP Package
■
True RMS Digital Multimeters and Panel Meters
■ True RMS AC + DC Measurements
DESCRIPTIO
FEATURES
APPLICATIO S
The LTC
®1968 is a true RMS-to-DC converter that uses an
innovative delta-sigma computational technique. The ben-
efits of the LTC1968 proprietary architecture, when com-
pared to conventional log-antilog RMS-to-DC converters,
are higher linearity and accuracy, bandwidth independent
of amplitude and improved temperature behavior.
The LTC1968 operates with single-ended or differential in-
put signals and accurately supports crest factors up to 4.
Common mode input range is rail-to-rail. Differential in-
put range is 1VPEAK,andoffersunprecedentedlinearity.The
LTC1968 allows hassle-free system calibration at any in-
put voltage.
The LTC1968 has a rail-to-rail output with a separate out-
put reference pin providing flexible level shifting; it oper-
ates on a single power supply from 4.5V to 5.5V. A low power
shutdown mode reduces supply current to 0.1µA.
The LTC1968 is packaged in the space-saving MSOP pack-
age, which is ideal for portable applications.
Single Supply RMS-to-DC Converter
CAVE
10µF
VOUT
+
–
1968 TA01
4.5V TO 5.5V
OUTPUT
DIFFERENTIAL
INPUT
LTC1968
V+
0.1µF
OPT. AC
COUPLING
EN
GND
OUT RTN
IN1
IN2
TYPICAL APPLICATIO
VIN (mV ACRMS)
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
100
200
300
400
1968 TA01b
500
LTC1968, ∆Σ
60Hz SINEWAVE
CONVENTIONAL
LOG/ANTILOG
Linearity Performance
, LTC and LT are registered trademarks of Linear Technology Corporation.
Protected under U.S. Patent Numbers 6,359,576, 6,362,677 and 6,516,291


Similar Part No. - LTC1968

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1968 LINER-LTC1968 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
More results

Similar Description - LTC1968

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
High Precision, Wide-Band RMS-to-DC Converter
REV.E
logo
Linear Technology
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
Precision Micropower, SIGMA RMS-to-DC Converter
logo
Linear Integrated Syste...
LTC1967 LINEAR-LTC1967 Datasheet
323Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
logo
Linear Technology
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
logo
Analog Devices
AD637JRZ AD-AD637JRZ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637 AD-AD637_15 Datasheet
808Kb / 21P
High Precision, Wideband RMS-to-DC Converter
Rev. K
logo
Linear Technology
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
Precision Micropower RMS-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com