Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1968 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 3 Page - Linear Technology

  LTC1968 Datasheet HTML 1Page - Linear Technology LTC1968 Datasheet HTML 2Page - Linear Technology LTC1968 Datasheet HTML 3Page - Linear Technology LTC1968 Datasheet HTML 4Page - Linear Technology LTC1968 Datasheet HTML 5Page - Linear Technology LTC1968 Datasheet HTML 6Page - Linear Technology LTC1968 Datasheet HTML 7Page - Linear Technology LTC1968 Datasheet HTML 8Page - Linear Technology LTC1968 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1968
1968f
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. V+ = 5V, VOUTRTN = 2.5V, CAVE = 10µF, VIN = 200mVRMS, VENABLE = 0.5V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs (IN1, IN2) are protected by shunt diodes to GND and
V+. If the inputs are driven beyond the rails, the current should be limited
to less than 10mA.
Note 3: The LTC1968 output (VOUT) is high impedance and can be
overdriven, either sinking or sourcing current, to the limits stated.
Note 4: The LTC1968C/LTC1968I are guaranteed functional over the
operating temperature range of – 40°C to 85°C.
Note 5: The LTC1968C is guaranteed to meet specified performance from
0°C to 70°C. The LTC1968C is designed, characterized and expected to
meet specified performance from – 40°C to 85°C but is not tested nor QA
sampled at these temperatures. The LTC1968I is guaranteed to meet
specified performance from – 40°C to 85°C.
Note 6: High speed automatic testing cannot be performed with
CAVE = 10µF. The LTC1968 is 100% tested with CAVE = 47nF.
Note 7: The LTC1968 is 100% tested with DC and 10kHz input signals.
Measurements with DC inputs from 50mV to 350mV are used to calculate
the four parameters: GERR, VOOS, VIOS and linearity error. Correlation tests
have shown that the performance limits can be guaranteed with the
additional testing being performed to guarantee proper operation of all
internal circuitry.
Note 8: The LTC1968 is inherently very linear. Unlike older log/antilog
circuits, its behavior is the same with DC and AC inputs, and DC inputs are
used for high speed testing.
Note 9: The power supply rejections of the LTC1968 are measured with
DC inputs from 50mV to 350mV. The change in accuracy from V+ = 4.5V
to V+ = 5.5V is divided by 1V.
Note 10: Previous generation RMS-to-DC converters required nonlinear
input stages as well as a nonlinear core. Some parts specify a “DC reversal
error,” combining the effects of input nonlinearity and input offset voltage.
The LTC1968 behavior is simpler to characterize and the input offset
voltage is the only significant source of “DC reversal error.”
Note 11: Guaranteed by design.
Note 12: The LTC1968 is a switched capacitor device and the input/output
impedance is an average impedance over many clock cycles. The input
impedance will not necessarily lead to an attenuation of the input signal
measured. Refer to the Applications Information section titled “Input
Impedance” for more information.
Note 13: The common mode rejection ratios of the LTC1968 are measured
with DC inputs from 50mV to 350mV. The input CMRR is defined as the
change in VIOS measured with the input common mode voltage at 0V and
V+, divided by V+. The output CMRR is defined as the change in VOOS
measured with OUT RTN = 0V and OUT RTN = V+ – 350mV divided by
V+ – 350mV.
Note 14: The LTC1968 input and output voltage swings are limited by
internal clipping. However, its ∆Σ topology is relatively tolerant of
momentary internal clipping.
Note 15: The LTC1968 exploits oversampling and noise shaping to reduce
the quantization noise of internal 1-bit analog-to-digital conversions. At
higher input frequencies, increasingly large portions of this noise are
aliased down to DC. Because the noise is shifted in frequency, it becomes
a low frequency rumble and is only filtered at the expense of increasingly
long settling times. The LTC1968 is inherently wideband, but the output
accuracy is degraded by this aliased noise.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Characteristics
OVR
Output Voltage Range
●
0V+
V
ZOUT
Output Impedance
(Note 12)
●
10
12.5
16
kΩ
CMRRO
Output Common Mode Rejection
(Note 13)
●
50
250
µV/V
VOMAX
Maximum Differential Output Swing
Accuracy = 1%, DC Input (Note 14)
1.0
1.05
V
●
0.9
V
PSRRO
Power Supply Rejection
(Note 9)
●
250
1000
µV/V
Frequency Response
f1P
1% Additional Gain Error (Note 15)
500
kHz
f–3dB
±3dB Frequency (Note 15)
15
MHz
Power Supplies
V+
Supply Voltage
●
4.5
5.5
V
IS
Supply Current
IN1 = 20mV, IN2 = 0V
●
2.3
2.7
mA
IN1 = 200mV, IN2 = 0V
2.4
mA
Shutdown Characteristics
ISS
Supply Current
VENABLE = 4.5V
●
0.1
10
µA
IIH
ENABLE Pin Current High
VENABLE = 4.5V
●
–1
–0.1
µA
IIL
ENABLE Pin Current Low
VENABLE = 0.5V
●
–3
–0.5
– 0.1
µA
VTH
ENABLE Threshold Voltage
2.1
V
VHYS
ENABLE Threshold Hysteresis
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com