Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1968 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 2 Page - Linear Technology

  LTC1968 Datasheet HTML 1Page - Linear Technology LTC1968 Datasheet HTML 2Page - Linear Technology LTC1968 Datasheet HTML 3Page - Linear Technology LTC1968 Datasheet HTML 4Page - Linear Technology LTC1968 Datasheet HTML 5Page - Linear Technology LTC1968 Datasheet HTML 6Page - Linear Technology LTC1968 Datasheet HTML 7Page - Linear Technology LTC1968 Datasheet HTML 8Page - Linear Technology LTC1968 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1968
1968f
Supply Voltage
V+ to GND ............................................................. 6V
Input Currents (Note 2) ..................................... ±10mA
Output Current (Note 3) ..................................... ±10mA
ENABLE Voltage ......................................... –0.3V to 6V
OUT RTN Voltage ........................................ –0.3V to V+
Operating Temperature Range (Note 4)
LTC1968C/LTC1968I ......................... – 40°C to 85°C
Specified Temperature Range (Note 5)
LTC1968C/LTC1968I ......................... – 40°C to 85°C
Maximum Junction Temperature ......................... 150°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
ORDER PART
NUMBER
LTC1968CMS8
LTC1968IMS8
TJMAX = 150°C, θJA = 220°C/ W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
MS8 PART MARKING
LTAFG
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. V+ = 5V, VOUTRTN = 2.5V, CAVE = 10µF, VIN = 200mVRMS, VENABLE = 0.5V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The temperature grade (I or C) is indicated on the shipping container.
1
2
3
4
GND
IN1
IN2
NC
8
7
6
5
ENABLE
V+
OUT RTN
VOUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Accuracy
GERR
Low Frequency Gain Error
50Hz to 20kHz Input (Notes 6, 7)
±0.1
±0.3
%
●
±0.4
%
VOOS
Output Offset Voltage
(Notes 6, 7)
0.2
0.75
mV
∆VOOS/∆T
Output Offset Voltage Drift
(Note 11)
●
210
µV/°C
LINERR
Linearity Error
50mV to 350mV (Notes 7, 8)
●
±0.02
±0.15
%
PSRRG
Power Supply Rejection
(Note 9)
±0.02
±0.20
%/V
●
±0.25
%/V
VIOS
Input Offset Voltage
(Notes 6, 7, 10)
0.4
1.5
mV
∆VIOS/∆T
Input Offset Voltage Drift
(Note 11)
●
210
µV/°C
Additional Error vs Crest Factor (CF)
CF = 3
60Hz Fundamental, 200mVRMS
●
0.2
mV
CF = 5
60Hz Fundamental, 200mVRMS
●
5mV
Input Characteristics
VIMAX
Maximum Peak Input Swing
Accuracy = 1% (Note 14)
●
1
1.05
V
IVR
Input Voltage Range
●
0V+
V
ZIN
Input Impedance
Average, Differential (Note 12)
1.2
MΩ
Average, Common Mode (Note 12)
100
MΩ
CMRRI
Input Common Mode Rejection
(Note 13)
●
50
400
µV/V
VIMIN
Minimum RMS Input
●
5mV
PSRRI
Power Supply Rejection
(Note 9)
●
250
700
µV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com