Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1968 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1968 Datasheet HTML 14Page - Linear Technology LTC1968 Datasheet HTML 15Page - Linear Technology LTC1968 Datasheet HTML 16Page - Linear Technology LTC1968 Datasheet HTML 17Page - Linear Technology LTC1968 Datasheet HTML 18Page - Linear Technology LTC1968 Datasheet HTML 19Page - Linear Technology LTC1968 Datasheet HTML 20Page - Linear Technology LTC1968 Datasheet HTML 21Page - Linear Technology LTC1968 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC1968
1968f
APPLICATIO S I FOR ATIO
Crest factor, which is the peak to RMS ratio of a dynamic
signal, also effects the required CAVE value. With a higher
crest factor, more of the energy in the signal is concentrated
into a smaller portion of the waveform, and the averaging
has to ride out the long lull in signal activity. For busy
waveforms, such as a sum of sine waves, ECG traces or
SCR-chopped sine waves, the required value for CAVE
should be based on the lowest fundamental input frequency
divided as such:
f
f
CF
DESIGN
INPUT MIN
=
()
•–
32
using the same design curves presented in Figures 6, 8,
16 and 17. For the worst case of square top pulse trains,
that are always either zero volts or the peak voltage, base
the selection on the lowest fundamental input frequency
divided by twice as much:
f
f
CF
DESIGN
INPUT MIN
=
()
•–
62
The effects of crest factor and DC offsets are cumulative.
So for example, a 10% duty cycle pulse train from 0VPEAK
to 1VPEAK (CF = √10 = 3.16) repeating at 16.67ms (60Hz)
input is effectively only 30Hz due to the DC asymmetry and
is effectively only:
fHz
DESIGN ==
30
6
3 16
2
378
•.
–
.
for the purposes of Figures 6, 8, 16 and 17.
Obviously, the effect of crest factor is somewhat simplified
above given the factor of two difference based on a
subjective description of the waveform type. The results
will vary somewhat based on actual crest factor and
Figure 19. Settling Time with DC-Accurate Post Filter
Figure 18. Settling Time with Buffered Post Filter
SETTLING TIME (SEC)
0.01
0.1
1
10
1
0.1
10
100
1968 F18
C = 0.22µF
C = 0.47µF
C = 1µF
C = 2.2µF
C = 4.7µF
C = 10µF
C = 22µF
C = 47µF
C = 100µF
C = 220µF
C = 470µF
SETTLING TIME (SEC)
0.01
0.1
1
10
1
0.1
10
100
1968 F19
C = 0.1µF
C = 0.22µF
C = 0.47µF
C = 1µF
C = 2.2µF
C = 4.7µF
C = 10µF
C = 22µF
C = 47µF
C = 100µF
C = 220µF
C = 470µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com