Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1968 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1968 Datasheet HTML 20Page - Linear Technology LTC1968 Datasheet HTML 21Page - Linear Technology LTC1968 Datasheet HTML 22Page - Linear Technology LTC1968 Datasheet HTML 23Page - Linear Technology LTC1968 Datasheet HTML 24Page - Linear Technology LTC1968 Datasheet HTML 25Page - Linear Technology LTC1968 Datasheet HTML 26Page - Linear Technology LTC1968 Datasheet HTML 27Page - Linear Technology LTC1968 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC1968
1968f
TYPICAL APPLICATIO S
SI PLIFIED SCHE ATIC
5V Single Supply, Differential,
AC-Coupled RMS-to-DC Converter
Single Supply RMS Current Measurement
V+
5V
LTC1968
IN1
DC OUTPUT
CAVE
10µF
CC
1µF
IN2
1968 TA02
VOUT
AC INPUTS
(1VPEAK
DIFFERENTIAL)
OUT RTN
GND
EN
V+
LTC1968
IN1
VOUT = 4mVDC/ARMS
CAVE
10µF
0.1µF
IN2
1968 TA03
VOUT
AC CURRENT
75A MAX
50Hz TO 400Hz
OUT RTN
GND
EN
10k
10k
10Ω
T1: CR MAGNETICS CR8348-2500-N
www.crmagnetics.com
T1
2nd ORDER ∆Σ MODULATOR
IN1
IN2
EN
V+
–
+
–
+
OUTPUT
OUT RTN
50k
BLEED RESISTOR
FOR CAVE
CAVE
1968 SS
TO BIAS CONTROL
GND
∫
∫
C1
C2
Y1
Y2
C12
C11
CLOSED
DURING
SHUTDOWN
C9
C10
C5
C3
C4
C6
C8
C7
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com