Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1968 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1968 Datasheet HTML 10Page - Linear Technology LTC1968 Datasheet HTML 11Page - Linear Technology LTC1968 Datasheet HTML 12Page - Linear Technology LTC1968 Datasheet HTML 13Page - Linear Technology LTC1968 Datasheet HTML 14Page - Linear Technology LTC1968 Datasheet HTML 15Page - Linear Technology LTC1968 Datasheet HTML 16Page - Linear Technology LTC1968 Datasheet HTML 17Page - Linear Technology LTC1968 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC1968
1968f
100mV to 110mV (+10%) and back (–10%), the step
responses are essentially the same as a standard expo-
nential rise and decay between those two levels. In such
cases, the time constant of the decay will be in between
that of the rising edge and falling edge cases of Figure 10.
Therefore, the worst case is the falling edge response as
it goes to zero, and it can be used as a design guide.
Figure 11 shows the settling accuracy vs settling time for
a variety of averaging capacitor values. If the capacitor
value previously selected (based on error requirements)
gives an acceptable settling time, your design is done.
But with 220µF, the settling time to even 10% is a full 10
seconds, which is a long time to wait. What can be done
about such a design? If the reason for choosing 220µF is
to keep the DC error with a 200mHz input less than 0.1%,
the answer is: not much. The settling time to 1% of 20
seconds is just 4 cycles of this extremely low frequency.
Averaging very low frequency signals takes a long time.
However, if the reason for choosing 220µF is to keep the
peak error with a 10Hz input less than 0.2%, there is
another way to achieve that result with a much improved
settling time.
APPLICATIO S I FOR ATIO
TIME (SEC)
0
0
20
40
60
80
100
120
0.10
0.20
0.30
0.40
1968 F10a
0.50
CAVE = 10µF
Figure 10a. LTC1968 Rising Edge with CAVE = 10µF
Figure 10b. LTC1968 Falling Edge with CAVE = 10µF
Figure 11. Settling Time vs Cap Value, One Cap Averaging
TIME (SEC)
0
0
20
40
60
80
100
120
0.20
0.40
0.60
0.80
1968 F10b
1
CAVE = 10µF
SETTLING TIME (SEC)
0.01
0.1
1
10
110
0.1
100
1968 F11
C = 0.1µF
C = 0.22µF C = 0.47µF C = 1µF
C = 2.2µF
C = 4.7µF
C = 10µF
C = 22µF
C = 47µF
C = 100µF
C = 220µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com