Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS1007 Datasheet HTML 6Page - Texas Instruments THS1007 Datasheet HTML 7Page - Texas Instruments THS1007 Datasheet HTML 8Page - Texas Instruments THS1007 Datasheet HTML 9Page - Texas Instruments THS1007 Datasheet HTML 10Page - Texas Instruments THS1007 Datasheet HTML 11Page - Texas Instruments THS1007 Datasheet HTML 12Page - Texas Instruments THS1007 Datasheet HTML 13Page - Texas Instruments THS1007 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 13
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY (DIFFERENTIAL)
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MSPS, AIN = –0.5 dB FS
fi – Input Frequency – MHz
Figure 14
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SIGNAL-TO-NOISE AND DISTORTION
vs
INPUT FREQUENCY (DIFFERENTIAL)
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MSPS, AIN = –0.5 dB FS
fi – Input Frequency – MHz
Figure 15
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SPURIOUS FREE DYNAMIC RANGE
vs
INPUT FREQUENCY (DIFFERENTIAL)
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MSPS, AIN = –0.5 dB FS
fi – Input Frequency – MHz
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 16
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MSPS, AIN = –0.5 dB FS
fi – Input Frequency – MHz
SIGNAL-TO-NOISE
vs
INPUT FREQUENCY (DIFFERENTIAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com