Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007 Datasheet(HTML) 2 Page - Texas Instruments

  THS1007 Datasheet HTML 1Page - Texas Instruments THS1007 Datasheet HTML 2Page - Texas Instruments THS1007 Datasheet HTML 3Page - Texas Instruments THS1007 Datasheet HTML 4Page - Texas Instruments THS1007 Datasheet HTML 5Page - Texas Instruments THS1007 Datasheet HTML 6Page - Texas Instruments THS1007 Datasheet HTML 7Page - Texas Instruments THS1007 Datasheet HTML 8Page - Texas Instruments THS1007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
DGND to DVDD
–0.3 V to 6.5 V
Supply voltage range
BGND to BVDD
–0.3 V to 6.5 V
Su
ly voltage range
AGND to AVDD
–0.3 V to 6.5 V
Analog input voltage range
AGND –0.3 V to AVDD + 1.5 V
Reference input voltage
–0.3 V + AGND to AVDD + 0.3 V
Digital input voltage range
–0.3 V to BVDD/DVDD + 0.3 V
Operating virtual junction temperature range, TJ
–40
°C to 150°C
Operating free air temperature range T
THS1007C
0
°C to 70°C
Operating free-air temperature range, TA
THS1007I
–30
°C to 85°C
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
POWER SUPPLY
MIN
NOM
MAX
UNIT
AVDD
4.75
5
5.25
Supply voltage
DVDD
4.75
5
5.25
V
yg
BVDD
3
5.25
ANALOG AND REFERENCE INPUTS
MIN
NOM
MAX
UNIT
Analog input voltage in single-ended configuration
VREFM
VREFP
V
Common-mode input voltage VCM in differential configuration
1
2.5
4
V
External reference voltage,VREFP (optional)
3.5
AVDD–1.2
V
External reference voltage, VREFM (optional)
1.4
1.5
V
Input voltage difference, REFP – REFM
2
V
DIGITAL INPUTS
MIN
NOM
MAX
UNIT
High level input voltage V
BVDD = 3.3 V
2
V
High-level input voltage, VIH
BVDD = 5.25 V
2.6
V
Low level input voltage V
BVDD = 3.3 V
0.6
V
Low-level input voltage, VIL
BVDD = 5.25 V
0.6
V
Input CONV_CLK frequency
DVDD = 4.75 V to 5.25 V
0.1
6
MHz
CONV_CLK pulse duration, clock high, tw(CONV_CLKH)
DVDD = 4.75 V to 5.25 V
80
83
5000
ns
CONV_CLK pulse duration, clock low, tw(CONV_CLKL)
DVDD = 4.75 V to 5.25 V
80
83
5000
ns
Operating free air temperature T
THS1007CDA
0
70
°C
Operating free-air temperature, TA
THS1007IDA
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com