Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS1007 Datasheet HTML 15Page - Texas Instruments THS1007 Datasheet HTML 16Page - Texas Instruments THS1007 Datasheet HTML 17Page - Texas Instruments THS1007 Datasheet HTML 18Page - Texas Instruments THS1007 Datasheet HTML 19Page - Texas Instruments THS1007 Datasheet HTML 20Page - Texas Instruments THS1007 Datasheet HTML 21Page - Texas Instruments THS1007 Datasheet HTML 22Page - Texas Instruments THS1007 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
19
DIGITAL OUTPUT DATA FORMAT
The digital output data format of the THS1007 can either be in binary format or in twos complement format. The
following tables list the digital outputs for the analog input voltages.
Table 2. Binary Output Format for Single-Ended Configuration
SINGLE-ENDED, BINARY OUTPUT
ANALOG INPUT VOLTAGE
DIGITAL OUTPUT CODE
AIN = VREFP
3FFh
AIN = (VREFP + VREFM)/2
200h
AIN = VREFM
000h
Table 3. Two’s Complement Output Format for Single-Ended Configuration
SINGLE-ENDED, TWOS COMPLEMENT
ANALOG INPUT VOLTAGE
DIGITAL OUTPUT CODE
AIN = VREFP
1FFh
AIN = (VREFP + VREFM)/2
000h
AIN = VREFM
200h
Table 4. Binary Output Format for Differential Configuration
DIFFERENTIAL, BINARY OUTPUT
ANALOG INPUT VOLTAGE
DIGITAL OUTPUT CODE
Vin = AINP – AINM
VREF = VREFP – VREFM
Vin = VREF
3FFh
Vin = 0
200h
Vin = –VREF
000h
Table 5. Two’s Complement Output Format for Differential Configuration
DIFFERENTIAL, BINARY OUTPUT
ANALOG INPUT VOLTAGE
DIGITAL OUTPUT CODE
Vin = AINP – AINM
VREF = VREFP – VREFM
Vin = VREF
1FFh
Vin = 0
000h
Vin = –VREF
200h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com