Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS1007 Datasheet HTML 26Page - Texas Instruments THS1007 Datasheet HTML 27Page - Texas Instruments THS1007 Datasheet HTML 28Page - Texas Instruments THS1007 Datasheet HTML 29Page - Texas Instruments THS1007 Datasheet HTML 30Page - Texas Instruments THS1007 Datasheet HTML 31Page - Texas Instruments THS1007 Datasheet HTML 32Page - Texas Instruments THS1007 Datasheet HTML 33Page - Texas Instruments THS1007 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
30
ANALOG INPUT CONFIGURATION AND REFERENCE VOLTAGE
The THS1007 features four analog input channels. These can be configured for either single-ended or
differential operation. Figure 38 shows a simplified model, where a single-ended configuration for channel AINP
is selected. The reference voltages for the ADC itself are VREFP and VREFM (either internal or external reference
voltage). The analog input voltage range is between VREFM to VREFP. This means that VREFM defines the
minimum voltage, and VREFP defines the maximum voltage, which can be applied to the ADC. The internal
reference source provides the voltage VREFM of 1.5 V and the voltage VREFP of 3.5 V (see also section
reference voltage). The resulting analog input voltage swing of 2 V can be expressed by:
V
REFM v
AINP
v V
REFP
(1)
10-Bit
ADC
VREFP
VREFM
AINP
Figure 38. Single-Ended Input Stage
A differential operation is desired in many applications due to a better signal-to-noise ration. Figure 39 shows
a simplified model for the analog inputs AINM and AINP, which are configured for differential operation. The
differential operation mode provides in terms of performance benefits over the single-ended mode and is
therefore recommended for best performance. The THS1007 offers 2 differential analog inputs and in the
single-ended mode4 analog inputs. If the analog input architecture is different, common-mode voltages can be
rejected. Additional details for both modes are given below.
10-Bit
ADC
VREFP
VREFM
AINP
Σ
VADC
AINM
+
–
Figure 39. Differential Input Stage
In comparison to the single-ended configuration it can be seen that the voltage VADC, which is applied at the
input of the ADC, is the difference between the input AINP and AINM. The voltage VADC can be calculated as
follows:
V
ADC +
ABS(AINP–AINM)
(2)
An advantage to single-ended operation is that the common-mode voltage
(3)
V
CM +
AINM
) AINP
2
can be rejected in the differential configuration, if the following condition for the analog input voltages is true:
(4)
AGND
v AINM, AINP v AV
DD
(5)
1V
v V
CM v
4V
SINGLE-ENDED MODE OF OPERATION
The THS1007 can be configured for single-ended operation using dc or ac coupling. In either case, the input
of the THS1007 must be driven from an operational amplifier that does not degrade the ADC performance.
Because the THS1007 operates from a 5-V single supply, it is necessary to level-shift ground-based bipolar
signals to comply with its input requirements. This can be achieved with dc and ac-coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com