Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS1007 Datasheet HTML 12Page - Texas Instruments THS1007 Datasheet HTML 13Page - Texas Instruments THS1007 Datasheet HTML 14Page - Texas Instruments THS1007 Datasheet HTML 15Page - Texas Instruments THS1007 Datasheet HTML 16Page - Texas Instruments THS1007 Datasheet HTML 17Page - Texas Instruments THS1007 Datasheet HTML 18Page - Texas Instruments THS1007 Datasheet HTML 19Page - Texas Instruments THS1007 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
16
Conversion
During conversion, the ADC operates with a free running external clock applied to the input CONV_CLK. With
every falling edge of the CONV_CLK signal a new converted value is available to the data bus with the
corresponding read signal. The THS1007 allows up to four analog inputs to be selected. The inputs can be
configured as two differential channels, four single-ended channels or a combination of differential and
signle-ended.
To provide the system with channel information, the THS1007 utilizes an active low SYNC signal. When
operated in a multichannel configuration, the SYNC signal is active low when data from channel 1 is available
to the databus. When operated in signle-channel mode (single-ended or differential operation) the SYNC signal
is disabled.
Figure 28 shows the timing of the conversion, when one analog input channel is selected. The maximum
throughput rate is 6 MSPS in this mode. The signal SYNC is disabled for the selection of one analog input since
this information is not necessary. There is a certain timing relationship required for the read signal with respect
to the conversion clock. This can be seen in Figure 28 and the timing specifications. A more detailed description
of the timing is given in the timing section and signal description of the THS1007.
Sample N
Channel 1
Sample N+2
Channel 1
Sample N+3
Channel 1
Sample N+1
Channel 1
Sample N+4
Channel 1
Sample N+5
Channel 1
Sample N+6
Channel 1
Data N–1
Channel 1
Data N
Channel 1
Data N+1
Channel 1
Data N+2
Channel 1
Data N–4
Channel 1
Data N–3
Channel 1
Data N–2
Channel 1
AIN
CONV_CLK
READ†
†READ is the logical combination from CS0, CS1 and RD
td(A)
td(pipe)
tw(CONV_CLKH)
tw(CONV_CLKL)
tc
tsu(CONV_CLKL-READL)
tsu(READH-CONV_CLKL)
Figure 28. Conversion Timing in 1-Channel Operation
Figure 29 shows the conversion timing when two analog input channels are selected. The maximum throughput
rate per channel is 3 MSPS in this mode. The data flow in the bottom of the figure shows the order the converted
data is available to the data bus. The SYNC pulse is active low when the data of channel one is available to
the databus. The data of channel one is followed by the data of channel two before the SYNC signal is active
low again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com