Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1007 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS1007
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS1007 Datasheet HTML 13Page - Texas Instruments THS1007 Datasheet HTML 14Page - Texas Instruments THS1007 Datasheet HTML 15Page - Texas Instruments THS1007 Datasheet HTML 16Page - Texas Instruments THS1007 Datasheet HTML 17Page - Texas Instruments THS1007 Datasheet HTML 18Page - Texas Instruments THS1007 Datasheet HTML 19Page - Texas Instruments THS1007 Datasheet HTML 20Page - Texas Instruments THS1007 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
17
Sample N
Channel 1, 2
Sample N+1
Channel 1, 2
Sample N+2
Channel 1, 2
Sample N+3
Channel 1, 2
Data N–1
Channel 2
Data N
Channel 1
Data N
Channel 2
Data N+1
Channel 1
Data N–2
Channel 1
Data N–2
Channel 2
Data N–1
Channel 1
AIN
CONV_CLK
READ†
†READ is the logical combination from CS0, CS1 and RD
SYNC
td(A)
td(pipe)
tw(CONV_CLKH)
tw(CONV_CLKL)
tc
tsu(CONV_CLKL-READL)
tsu(READH-CONV_CLKL)
td(CONV_CLKL-SYNCL)
td(CONV_CLKL-SYNCH)
Figure 29. Conversion Timing in 2-Channel Operation
Figure 30 shows the conversion timing when three analog input channels are selected. The maximum
throughput rate per channel is 2 MSPS in this mode. The data flow in the bottom of the figure shows in which
order the converted data is available to the data bus. The SYNC signal is active low when the data of channel
one is available to the data bus. The data of channel one is followed by the data of channel two and channel
three before channel one is again available and the SYNC signal is active low.
Sample N
Channel 1, 2, 3
Sample N+1
Channel 1, 2, 3
Sample N+2
Channel 1, 2, 3
Data N–1
Channel 3
Data N
Channel 1
Data N
Channel 2
Data N
Channel 3
Data N–2
Channel 3
Data N–1
Channel 1
Data N–1
Channel 2
AIN
CONV_CLK
READ†
†READ is the logical combination from CS0, CS1 and RD
SYNC
td(A)
td(pipe)
tw(CONV_CLKH)
tw(CONV_CLKL)
tc
tsu(CONV_CLKL-READL)
tsu(READH-CONV_CLKL)
td(CONV_CLKL-SYNCL)
td(CONV_CLKL-SYNCH)
Figure 30. Conversion Timing in 3-Channel Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com