Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC16MODULE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # 68HC16MODULE
Description  Evaluates Both the 14-Bit MAX194 and the 16-Bit MAX195
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button 68HC16MODULE Datasheet HTML 3Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 4Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 5Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 6Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 7Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 8Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 9Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 10Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Analog Input Buffer
The analog input to the MAX194 may be buffered by
U8. A MAX400 is used because of its low VOS drift. The
feedback circuit consists of four passive components:
R41, R61, C171, and R51. R41 isolates the op-amp’s
output from the dynamic capacitive load at the AIN
input. R61 makes the network accurate at the reference
input (without R61, the reference voltage would appear
at the output of the op amp). C171 compensates the
high-frequency response by making R51 dominate at
high frequencies.
Input offset may be improved by adding a 1000pF to
0.01µF ceramic capacitor at site C28.
Voltage Reference
The voltage reference U2 provides a 4.096V reference,
which is buffered by U5. The buffer isolates the refer-
ence from the MAX194’s capacitive switching load. To
eliminate the buffer circuit, cut traces JU8 and JU9 and
connect a wire from JU9 pin 1 to the VREF pad.
Reference Buffer
The reference input to the MAX194 may be buffered by
U5. The MAX400 op amp is used because of its low
VOS drift. By using a bipolar (instead of CMOS) op
amp, the substrate can be connected to the quiet ana-
log ground, reducing the noise coupled through the
power supplies. The feedback circuit consists of four
passive components: R4, R6, C17, and R5. R4 isolates
the op-amp’s output from the heavy capacitive load
that bypasses the VREF pin. R6 makes the network
accurate at the reference input (without R6, the refer-
ence voltage would appear at the output of the op
amp). C17 compensates the high-frequency response
by making R5 dominate at high frequencies.
The reference buffer U5 draws its power through the
lowpass filter formed by R3 and C18. The filter provides
the necessary power-supply rejection. U5 is powered
by the unregulated input supply to ensure enough
headroom to buffer the 4.096V reference.
Layout, Power Supplies, and Grounding
Good PC board layout necessary to achieve specified
performance, and an analog ground plane is essential
for optimum performance. The PC board layout artist
must be provided with explicit instructions, preferably a
pencil sketch of the placement of sensitive analog com-
ponents and the routing of ground connections. See
the EV kit PC board layout for an example. Use the fol-
lowing guidelines:
1) At the schematic level, keep the analog power sup-
plies and grounds separate from all other power
supplies and grounds. Digital power may be con-
nected to analog power through a 10
Ω series resis-
tor to attenuate digital noise.
2) Cluster the MAX194, the voltage reference, and any
input or reference buffers near the site where the
analog signal enters the board. Place 0.1µF ceramic
decoupling capacitors within 10mm of the MAX194’s
power-supply and voltage-reference pins.
3) Keep the analog-input signal ground return sepa-
rate from the analog ground plane, connecting to
analog ground only at the AGND pin of the
MAX194. The analog input and its signal ground-
return traces should both follow the same route to
help reject common-mode noise.
MAX194 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
7
Table 7. Data-Interface Connections
PIN NO.
68HC16 SIGNAL
MAX194 SIGNAL
FUNCTION
1–4
GND
GND
Ground
5, 6
+12V
+12V
Unregulated 12V DC Supply
7, 8
+5V
VDDD
Regulated +5V DC from 68HC16 Module
9–26
Reserved
Reserved
Reserved
27
IC1
EOC
End-of-Conversion Output from MAX194
28, 29, 30
Reserved
Reserved
Reserved
31
OC2
RESET
Active-Low RESET to MAX194
32
OC3
BP/UP/SHDN
Shutdown/Bipolar/Unipolar Input to MAX194
33, 34
Reserved
Reserved
Reserved
35
MISO
DOUT
QSPI Master Input; Serial Data Output from MAX194
36
Reserved
Reserved
Reserved
37
SCK
CLK
QSPI Serial Clock from 68HC16
38
PCS0
CS
QSPI Chip-Select from 68HC16
39, 40
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com