Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC16MODULE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # 68HC16MODULE
Description  Evaluates Both the 14-Bit MAX194 and the 16-Bit MAX195
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button 68HC16MODULE Datasheet HTML 13Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 14Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 15Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 16Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 17Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 18Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 19Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 20Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Boot ROM
The boot ROM, U3, is configured as an 8-bit memory
device. Resistor R4 pulls data bit 0 low during system
reset, forcing the µC to fetch instructions using only the
upper eight data bits. The boot ROM checks the sys-
tem and waits for commands from the host. Refer to the
EV kit manual for specific start-up procedures.
Software
All software is supplied on a disk with the EV kit.
Instructions for operating the software are included in
the EV kit manual. Refer to the EV kit manual for more
information.
_______68HC16 Module Self Check
To test the 68HC16 module’s integrity, connect the
power supply to the power terminals (J2). Do not con-
nect anything to J1 or J3. Slide the power switch SW1
to the “ON” position. The LED will light up, and will flash
within 5 seconds.
If the LED flashes with a 50%-on/50%-off duty cycle,
then it passed its self check. Note that this test does
not exercise the RS-232 port or the EV kit 40-pin inter-
face, but it does confirm that the power supply, micro-
processor, ROM, and RAM passed the self test.
If the LED flashes with a 10%-on/90%-off duty cycle,
then it failed its self check. Most likely, the RAM chip
(U5) is bad.
If the LED remains on and does not flash, then the
problem is either U3 (the EPROM), U1 (the micro-
processor), U4 (the regulator), the MAX707 reset gen-
erator, or the power supply. Use a voltmeter to verify
that the power supplies are good. Check the power-
supply input and the +5V output from the regulator.
Use an oscilloscope to see if the 32.768kHz reference
oscillator is running.
MAX194 Evaluation System/Evaluation Kit
______________________________________________________________________________________
17
Table 11. 68HC16 Module Memory Map
(all address values are in 20-bit hex)
Shadow of boot ROM
08000–0FFFF
Shadow of user RAM
18000–1FFFF
User RAM (U5, strobed by CS0 and CS2)
10000–17FFF
Unused
20400–7DFFF
Internal standby RAM; 1kbyte
20000–203FF
Not accessed by the 68HC16
80000–F7FFF
External chip select (J1 pin 11) (CS7)
7E000–7E7FF
External chip select (J1 pin 12) (CS8)
7E800–7EFFF
External chip select (J1 pin 13) (CS9)
7F000–7F7FF
External chip select (J1 pin 14) (CS10)
7F800–7FFFF
Unused
F8000–FF6FF
68HC16’s built-in ADC (not used)
FF700–FF73F
Unused
FF740–FF8FF
General-purpose timer module (GPT)
Boot ROM (U3, strobed by CSBOOT)
FF900–FF93F
00000–07FFF
FUNCTION
Unused
PIN
FF940–FF9FF
System integration module (SIM)
FFA00–FFA7F
Unused
FFA80–FFAFF
Internal standby RAM (SRAM)
control registers
FFB00–FFB07
Unused
FFB08–FFBFF
Queued serial module (QSM)
FFC00–FFDFF
Unused
FFE00–FFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com