Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC16MODULE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # 68HC16MODULE
Description  Evaluates Both the 14-Bit MAX194 and the 16-Bit MAX195
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE Datasheet(HTML) 3 Page - Maxim Integrated Products

  68HC16MODULE Datasheet HTML 1Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 2Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 3Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 4Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 5Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 6Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 7Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 8Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Stand-Alone MAX194
_________________EV Kit Quick Start
This section applies only to the use of the MAX194 EV
kit by itself, without the µC module.
1) Make sure the jumpers are configured in accor-
dance with Table 3.
2) Connect the oscilloscope’s channel A probe to the
EOC test point on header J2, and the channel B
probe to the DOUT test point. Ground the scope
probes to the DGND test point or to the GND power
pad. Trigger on the positive edge of channel A.
Set the time base to 2µs per division, and set the
vertical gain to 2V per division.
3) Apply +12V DC to the terminals labeled +12V and
GROUND. The board draws less than 30mA of
supply current.
4) Momentarily close JU6 to reset the MAX194 EV kit.
Leave JU6 open for normal operation.
5) Apply a 0V to 4V signal source between the termi-
nals labeled INPUT+ and INPUT-. The conversion
codes may be observed on the oscilloscope’s
channel A. See the appropriate data sheet for
timing information.
MAX194 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
3
Stand-Alone EV Kit
____________________Component List
DESIGNATION
QTY
DESCRIPTION
C1, C2, C4, C5, C19,
C20, C23–C26, C29
11
0.1µF ceramic capacitors
C3
1
1µF ceramic capacitor
C6, C7
2
15µF, 20V low-ESR capacitors
Sanyo OS-CON 20SA14
C8–C11, C13–C16, C21
9
10µF, 25V tantalum capaci-
tors
C12, C18, C27
3
100µF, 25V electrolytic
capacitors
C17, C171
2
0.01µF ceramic capacitors
C22
1
47µF low-ESR capacitor
Sanyo OS-CON 6SA47M
D1, D2
2
1N5819 Schottky diodes
J1
1
2x20 female data connector
J2
1
10-pin header
JU1, JU6
2
2-pin headers
JU3, JU7
2
3-way headers
JU4, JU5
2
3-pin headers
R1, R2
2
10
Ω, 5% resistors
R3, R8
2
680
Ω, 5% resistors
R4, R41
2
22
Ω, 5% resistors
R5, R51
2
47k
Ω, 5% resistors
R6, R10, R11, R13, R61
5
1k
Ω, 5% resistors
R7
1
10k
Ω, 5% resistor
R9
1
10M
Ω, 5% resistor
U1
1
Maxim MAX194
U2
1
Maxim MAX874
U3
1
79L05 negative linear
regulator
U4
1
Optional crystal oscillator
U5, U8
2
Maxim MAX400
U6
1
78L05 positive linear
regulator
U7
1
ICL7662 inverter
Table 3. Jumper Configuration for Stand-
Alone MAX194 EV Kit
JUMPER
STATE
FUNCTION
JU1
Closed
Ground the SCLK pin
JU3
OSC
Conversion clock comes from crystal
oscillator module
JU4
GND
Tie CS to GND, enabling data output on
DOUT
JU5
CONT
Tie CONV to EOC, continuous-conver-
sion mode
JU6
Open
Open = Normal Operation
Closed = Reset
JU7
UNI
Select unipolar mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com