Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC16MODULE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 68HC16MODULE
Description  Evaluates Both the 14-Bit MAX194 and the 16-Bit MAX195
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 68HC16MODULE Datasheet HTML 7Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 8Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 9Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 10Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 11Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 12Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 13Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 14Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MAX194 Evaluation System/Evaluation Kit
______________________________________________________________________________________
11
R1
10
Ω
R3
600
Ω
R8
600
Ω
D1
1N5819
VDDD
VDDA
78LO5
U6
GND
R2
10
Ω
JU11
J1-1
GND
C15
10
µF
C18
100
µF
C27
100
µF
C16
10
µF
1
IN
OUT
3
2
PGND
+12V / UNREG
J1-2
GND
J1-3
GND
J1-4
GND
GND
POS5
2x20 HEADER
J1-5
UNREG +12VDC
VSSD
VSSA
AGND
X3
79LO5
U3
GND
ICL7662
U7
C14
10
µF
C13
10
µF
3
1
IN
OUT
2
NEG12
NEG5
J1-6
UNREG +12VDC
2x20 HEADER
J1-7
J1-8
POS12
-9V / FILTERED
+9V / FILTERED
HC16 +5V
+12V / UNREG
+12V / UNREG
+12V / UNREG
-12V / UNREG
C10
10
µF
C12
100
µF
C11
10
µF
CAP+
CAP-
NC
GND
8
7
6
5
V+
VOUT
OSC
LV
1
2
3
4
= POWER
GROUND
= ANALOG
GROUND
-12V/UNREG
Figure 1. MAX194 EV Kit Schematic (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com