Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC16MODULE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # 68HC16MODULE
Description  Evaluates Both the 14-Bit MAX194 and the 16-Bit MAX195
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button 68HC16MODULE Datasheet HTML 12Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 13Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 14Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 15Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 16Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 17Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 18Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 19Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
The 68HC16 uses a phase-locked loop (PLL) to set its
bus speed. Crystal Y1 is a 32.768kHz frequency refer-
ence. The internal oscillator runs 256 times faster than
the external crystal. When the 68HC16 is reset, it waits
for the PLL to lock before it executes any software. After
the PLL locks onto the reference frequency, the soft-
ware doubles the clock speed by writing to the clock
synthesizer control register, selecting a bus speed of
16.78MHz.
U5, the user RAM area, is a 32kbyte CMOS static RAM.
The 74HCT245 octal buffer lets the 68HC16 module
access an 8-bit port on the 40-pin interface connector.
This memory-mapped port consists of separate read
and write strobes, four chip selects, four address LSBs,
and eight data bits.
Serial Communications
J3 is an RS-232 serial port, designed to be compatible
with the IBM PC 9-pin serial port. Use a straight-through
DB9 male-to-female cable to connect J3 to this port. If
the only available serial port has a 25-pin connector,
you may use a standard 25-pin to 9-pin adapter. Table
9 shows the pinout of J3.
The MAX233 is an RS-232 interface voltage level shifter
with two transmitters and two receivers. It includes a
built-in charge pump with internal capacitors that gen-
erates the output voltages necessary to drive RS-232
lines.
40-Pin Data Connector J1
The 20 x 2 pin header connects the 68HC16 module to
a Maxim EV kit. Table 10 lists the function of each pin.
Note that 68HC16 object code is not compatible with
68HC11 object code. Use the 68HC16 module only
with those modules that are designed to support it, and
only download code that is targeted for the 68HC16
module. Downloading incorrect object code into the
68HC16 module will have unpredictable results.
Address Ranges
The 68HC16 µC generates various enable signals for
different address ranges. The ROM and RAM enable
signals are fed directly to the respective chips. Several
additional signals (J1.11–J1.14) are available on the
data connector to be used by Maxim EV kits. Table 11
outlines the address ranges for each of the elements
found on the 68HC16 module, and Table 12 is a truth
table that describes the logic for each of the 68HC16’s
chip-select outputs. Because the addresses are not
completely decoded, the boot ROM and user RAM
have shadows.
MAX194 Evaluation System/Evaluation Kit
16
______________________________________________________________________________________
Table 9. Serial Communications Port J3
Unused
None
9
Handshake; hard-wired to RTS
CTS
8
Handshake; hard-wired to CTS
RTS
7
Handshake; hard-wired to DCD and DTR
DSR
6
Signal ground connection
GND
5
Handshake; hard-wired to DCD and DSR
DTR
4
RS-232-compatible data input to
68HC16 module
TXD
3
Handshake; hard-wired to DTR and DSR
DCD
1
FUNCTION
NAME
PIN
RS-232-compatible data output from
68HC16 module
RXD
2
Table 10. 40-Pin Data-Connector Signals
General I/O port bit 7
IC4
34
General I/O port bit 0 (LSB)
IC1
27
Buffered data bus bits 1–7
EXTD1–7
20–26
Unregulated input voltage
VPREREG
5, 6
Buffered data bus 0 (LSB)
EXTD0
19
Read strobe
RD
9
Ground
GND
1–4
FUNCTION
NAME
PIN
Address bit 2
A02
17
+5V from on-board regulator
VCC
7, 8
Chip select for 7E000–7E7FF
7E000
11
Chip select for 7F000–7F7FF
7F000
13
Write strobe
WR
10
Chip select for 7E800–7EFFF
7E800
12
Address bit 0 (LSB)
A00
15
Chip select for 7F800–7FFFF
7F800
14
Pulse-width-modulator output
PWMA
40
QSPI chip-select output
PCS0/SS
38
QSPI serial clock
SCK
37
QSPI master-out, slave-in
MOSI
36
QSPI master-in, slave-out
MISO
35
Address bit 1
A01
16
Address bit 3
A03
18
General I/O port bit 1
IC2
28
General I/O port bit 2
IC3
29
General I/O port bit 3
OC1
30
General I/O port bit 4
OC2
31
General I/O port bit 5
OC3
32
General I/O port bit 6
OC4
33
System clock output
CLKOUT
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com