Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC16MODULE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # 68HC16MODULE
Description  Evaluates Both the 14-Bit MAX194 and the 16-Bit MAX195
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button 68HC16MODULE Datasheet HTML 5Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 6Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 7Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 8Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 9Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 10Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 11Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 12Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MAX194 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
9
RESET
10
CONV
9
CS
13
2
CONVCLK
12
8
DOUT
5
SCLK
3
EOC
7
BP / UP/ SHDN
1
4
5
8
BUFFERED
INPUT
1
D2
1N5819
7
6
2
3
= DIGITAL
GROUND
= ANALOG
GROUND
MAX194
U8
MAX400CPA
DGND VSSD
VSSD
AGND VSSA
VSSA
VDDD
VDDA
VDDA
AIN
AIN
REF
CLK
-9V / FILTERED
+9V / FILTERED
C9
10
µF
C4
0.1
µF
C8
10
µF
C2
0.1
µF
C29
0.1
µF
C26
0.1
µF
C171
0.01
µF
C7
15
µF
C6
15
µF
C1
0.1
µF
C5
0.1
µF
R41
22
Ω
R61
1k
R51, 47k
R12, 20k
INPUT BUFFER (OPTIONAL)
R9
10M
RESET
CONV
CS
DOUT
SCLK
EOC
BP / UP/ SHDN
VREF
4
1
2
5
8
1
7
6
2
VIN
TEMP
GND
8
7
6
5
COMP
VOUT
TRIM
1
2
3
DIRECT INPUT
4
416
3
3
U5
MAX400CPA
MAX874
U2
U1
-9V / FILTERED
JU10
+9V / FILTERED
R17
4M (OPTIONAL)
+12V / UNREGULATED
R16
1M (OPTIONAL)
R15
2M (OPTIONAL)
JU9
JU2
JU8
C24
0.1
µF
C19
0.1
µF
4.096V
C17
0.01
µF
C23
0.1
µF
C28
(OPTIONAL)
1000pF
to 0.01
µF
C30
(OPTIONAL)
15
µF
20V
C21
10
µF
C20
0.1
µF
R4
22
Ω
R6
1k
R5, 47k
611
14
15
REFERENCE BUFFER
C3
1
µF
C22
47
µF
LOW-ESR
SANYO
6SA47M
IS3
VDDD
IS4
IS1
IS2
Figure 1. MAX194 EV Kit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com