Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FF321A Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF321A Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25FF321A Datasheet HTML 35Page - Dialog Semiconductor AT25FF321A Datasheet HTML 36Page - Dialog Semiconductor AT25FF321A Datasheet HTML 37Page - Dialog Semiconductor AT25FF321A Datasheet HTML 38Page - Dialog Semiconductor AT25FF321A Datasheet HTML 39Page - Dialog Semiconductor AT25FF321A Datasheet HTML 40Page - Dialog Semiconductor AT25FF321A Datasheet HTML 41Page - Dialog Semiconductor AT25FF321A Datasheet HTML 42Page - Dialog Semiconductor AT25FF321A Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
Datasheet
2021-08-19
DS-AT25FF321A-181
Revision J
39
© 2021 Dialog Semiconductor
AT25FF321A
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory
with Multi-I/O Support
5
Status Registers
The device contains five Status registers (SR) described in the following subsections. The Status registers can be read to deter-
mine the device's ready/busy status, as well as the status of many other functions such as hardware locking and software
protection.
5.1 REGISTER STRUCTURE AND UPDATES
In the AT25FF321A device there are two sets of Status registers. One set is implemented in hardware and is accessed as Status
registers 1 - 5. These are known as volatile registers as they lose their data during a device reset. Also, the device keeps a copy
of the Status registers in memory. These are known as non-volatile registers because they are stored in the Flash and are not
affected by a device reset. On power up, the non-volatile contents of the memory are copied to the Status registers. See Section
5.2.2 for more information on volatile and non-volatile register types.
The AT25FF321A provides two methods for updating the Status Registers. When the Write to Status Register command is
preceded by the Volatile Status Register Write Enable (50h) command, only the flip-flops holding the Status register bits are
updated; the non-volatile memory dedicated to the Status registers is not updated. When the Write to Status Register command
is preceded with a Write Enable (06h) command, then both the flip-flops holding the Status register bits and the non-volatile
memory dedicated to the Status registers are updated. This concept is shown in Figure 24.
The main difference between these two commands is the time required to execute them. Accesses to memory are much slower
by default. So for the 50h command, the write is to the volatile Status registers only which is very fast. For the 06h command, the
write is not only to the Status registers, but also to non-volatile memory which is much slower.
Figure 24: AT25FF321A Register Structure
Status
Registers
Memory
50h
06h
Power Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com