Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FF321A Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF321A Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25FF321A Datasheet HTML 9Page - Dialog Semiconductor AT25FF321A Datasheet HTML 10Page - Dialog Semiconductor AT25FF321A Datasheet HTML 11Page - Dialog Semiconductor AT25FF321A Datasheet HTML 12Page - Dialog Semiconductor AT25FF321A Datasheet HTML 13Page - Dialog Semiconductor AT25FF321A Datasheet HTML 14Page - Dialog Semiconductor AT25FF321A Datasheet HTML 15Page - Dialog Semiconductor AT25FF321A Datasheet HTML 16Page - Dialog Semiconductor AT25FF321A Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
Datasheet
2021-08-19
DS-AT25FF321A-181
Revision J
13
© 2021 Dialog Semiconductor
AT25FF321A
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory
with Multi-I/O Support
Table 1: Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT: Asserting the CS pin selects the device. When the CS pin is deas-
serted, the device is be deselected and normally be placed in standby mode (not
Deep Power-Down mode), and the SO pin is in a high-impedance state. When the
device is deselected, data are not accepted on the SI pin.
A high-to-low transition on the CS pin is required to start an operation, and a low-to-
high transition is required to end an operation. When ending an internally self-timed
operation such as a program or erase cycle, the device does not enter the standby
mode until the completion of the operation.
Low
Input
SCK
SERIAL CLOCK: This pin is used to provide a clock to the device and is used to
control the flow of data to and from the device. Command, address, and input data
present on the SI pin is always latched in on the rising edge of SCK, while output
data on the SO pin is always clocked out on the falling edge of SCK.
-
Input
SI (I/O0)
SERIAL INPUT: The SI pin is used to shift data into the device. The SI pin is used
for all data input including command and address sequences. Data on the SI pin is
always latched in on the rising edge of SCK.
Data present on the SI pin is ignored whenever the device is deselected (CS is
deasserted and the device is in the reset condition).
-
Input/
Output
SO (I/O1)
SERIAL OUTPUT: The SO pin is used to shift data out from the device. Data on the
SO pin is always clocked out on the falling edge of SCK.
The SO pin is in a high-impedance state whenever the device is deselected (CS is
deasserted and the device is in the reset condition).
-
Input/
Output
WP (I/
O2)
WRITE PROTECT: The WP pin controls the hardware locking feature of the device.
When set, this bit prevents the Status Register from being written. This bit is used in
conjunction with other Status Register bits (CMPRT, BPSIZE, TB, and BP[2:0]) to
provide hardware protection of the memory array.
The WP pin is internally pulled-high and can be left floating if hardware controlled
protection is not used. However, it is recommended that the WP pin also be externally
connected to VCC whenever possible.
When the QE bit in Status Register 2 is set, enabling quad mode (Output or I/O), the
WP pin becomes bidirectional and functions as the IO2 pin used to transmit address
and/or data, depending on the transfer mode.
Low
Input/
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com