Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FF321A Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF321A Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AT25FF321A Datasheet HTML 16Page - Dialog Semiconductor AT25FF321A Datasheet HTML 17Page - Dialog Semiconductor AT25FF321A Datasheet HTML 18Page - Dialog Semiconductor AT25FF321A Datasheet HTML 19Page - Dialog Semiconductor AT25FF321A Datasheet HTML 20Page - Dialog Semiconductor AT25FF321A Datasheet HTML 21Page - Dialog Semiconductor AT25FF321A Datasheet HTML 22Page - Dialog Semiconductor AT25FF321A Datasheet HTML 23Page - Dialog Semiconductor AT25FF321A Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 119 page
background image
Datasheet
2021-08-19
DS-AT25FF321A-181
Revision J
20
© 2021 Dialog Semiconductor
AT25FF321A
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory
with Multi-I/O Support
4.4 QUAD OUTPUT OPERATION (1-1-4)
The AT25FF321A supports the Quad Output which enhances overall throughput over the standard SPI and dual operating modes
by increasing the data transfer rate. In this mode, data is transferred on four pins; SI, SO, WP, and HOLD. This means that only
1/4th the number of clocks are required to transfer the data relative to standard SPI mode. This is known as a 1-1-4 transfer which
is defined as: 1-pin command, 1-pin address, 4-pin data (1-1-4)
In Quad Output the command (C) and address (A) are driven to the memory device on the SI (IO0) pin. During write operations,
the SI (IO0), SO (IO1), WP (IO2), and HOLD (IO3) pins switched to inputs and the data is driven on all four pins, allowing four data
bits to be transferred on every clock. During read operations, once the command and address are transferred on the SI (IO0) pin,
the SI (IO0), SO (IO1), WP (IO2), and HOLD (IO3) pins switched to outputs and the data is driven on all four pins, allowing four
data bits to be transferred on every clock.
A 1-1-4 Quad Output read operation is shown in Figure 12. An example of this operation would be a Quad Output Read (6Bh).
Note that this type of transfer may contain one or more dummy bytes between the end of the address and the beginning of the
data output depending on the type of command and the operating frequency. See Table 17 for more information.
Figure 12: Quad Output Transfer — 1-Pin Command, 1-Pin Address, and 4-Pin Data — Read Operation
A 1-1-4 Quad Output write operation is shown in Figure 13. An example of this operation would be a Quad Output Byte/Page
Program (32h).
Figure 13: Quad Output Transfer — 1-Pin Command, 1-Pin Address, and 4-Pin Data — Write Operation
I/O0
(SI)
SCK
23
1
0
C
67
51
1
0
1
49
3
4
2
4
9
3
2
1
8
41
40
37 38
33
36
35
34
31 32
8
4
7
4
4
4
0
3
9
246
45
COMMAND
AAAA
AAA
AA
XXXXXXXX
Address Bits A23-A0
DUMMY
DATA
OUT 1
DATA
OUT 2
DATA
OUT 3
DATA
OUT 4
DATA
OUT 5
I/O1
(SO)
High-impedance
D5 D1 D5 D1 D5 D1 D5 D1 D5 D1
I/O2
(WP)
High-impedance
D6 D2 D6 D2 D6 D2 D6 D2 D6 D2
I/O3
(HOLD)
MSB
MSB
MSB
MSB
MSB
High-impedance
D7 D3 D7 D3 D7 D3 D7 D3 D7 D3
D4 D0 D4 D0 D4 D0 D4 D0 D4 D0
CS
CC
C
C
C
C
C
I/O0
(SI)
SCK
23
1
0
C
67
51
1
0
1
49
9
3
2
1
8
41
40
37 38
33
36
35
34
31 32
0
3
9
2
COMMAND
AAAA
AAA
AA
Address Bits A23-A0
I/O1
(SO)
High-impedance
I/O2
(WP)
High-impedance
I/O3
(HOLD)
High-impedance
CS
CC
C
C
C
C
C
DATA
IN 1
DATA
IN 2
DATA
IN 3
DATA
IN 4
DATA
IN 5
D5 D1 D5 D1 D5 D1 D5 D1 D5 D1
D6 D2 D6 D2 D6 D2 D6 D2 D6 D2
MSB
MSB
MSB
MSB
MSB
D7 D3 D7 D3 D7 D3 D7 D3 D7 D3
D4 D0 D4 D0 D4 D0 D4 D0 D4 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com