Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FF321A Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF321A Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button AT25FF321A Datasheet HTML 93Page - Dialog Semiconductor AT25FF321A Datasheet HTML 94Page - Dialog Semiconductor AT25FF321A Datasheet HTML 95Page - Dialog Semiconductor AT25FF321A Datasheet HTML 96Page - Dialog Semiconductor AT25FF321A Datasheet HTML 97Page - Dialog Semiconductor AT25FF321A Datasheet HTML 98Page - Dialog Semiconductor AT25FF321A Datasheet HTML 99Page - Dialog Semiconductor AT25FF321A Datasheet HTML 100Page - Dialog Semiconductor AT25FF321A Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 119 page
background image
Datasheet
2021-08-19
DS-AT25FF321A-181
Revision J
97
© 2021 Dialog Semiconductor
AT25FF321A
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory
with Multi-I/O Support
6.33 TERMINATE (F0H)
In some applications, it may be necessary to prematurely terminate a program or erase operation rather than wait for the program
or erase operation to complete normally. The Terminate command immediately aborts any operation in progress and returns the
device to an idle state.
Since the need to terminate the operation is immediate, the Write Enable command does not need to be issued prior to the
Terminate command. Therefore, the Terminate command operates independently of the state of the WEL bit in Status Register 1.
Once this command is issued, the operation in progress cannot be continued. To suspend and then continue an operation, use
the Program/Erase Suspend (75h) and Program/Erase Resume (7Ah) commands.
6.33.1 Command Prerequisites
The Terminate command can be executed only if the command has been enabled by setting the Reset Enabled (RSTE) bit in
Status Register 5 using the Write Status Register 5 command (71h + 05h address offset). This command must be executed before
the Terminate command is executed. If the Reset command has not been enabled (the RSTE bit in is cleared), then any attempt
at executing the Terminate command is ignored.
6.33.2 Transfer Format
The F0h command follows the 1-0-1 transfer format described in Section 4.2, where the command and data are transferred on
the SI pin. Immediately after the command is transferred, a confirmation data byte is transferred. This byte is required by the
hardware before the Terminate command can be executed. A timing diagram of this operation is shown in Figure 6.
6.33.3 Transfer Sequence
To perform device reset operation, the CS pin is asserted and the information transferred as follows:
The F0h command is clocked into the device. Eight clocks are required to transfer the command. The most significant bit of
the command is transferred first.
The D0h confirmation byte is clocked into the device. Eight clocks are required to transfer the command. The most signifi-
cant bit of the command is transferred first. Note that is the confirmation byte is any value other than D0h, the entire com-
mand is ignored and the device returns to the idle state.
When the CS pin is deasserted after the D0h confirmation byte, the device initiates the terminate operation within a time of
tSWTERM. During the terminate sequence, no other command can be accepted by the device.
See Table 17 for more information on the transfer sequence for this command.
6.33.4 Programming Restrictions
The F0h Terminate command adheres to the following programming restrictions.
If a program or erase operation is in progress and cannot complete before the operation is terminated via the F0h com-
mand, the contents of the page being programmed or erased cannot be guaranteed to be valid.
The F0h command does not reset the device configuration registers in volatile mode. If a reset of the internal state is
desired, perform a 66h/99h command. This command resets the device and all programmable parameters and all volatile
register contents are lost.
The CS pin must be deasserted on a byte boundary (multiple of eight bits). Otherwise, the device aborts the operation and
returns to the standby mode once the CS pin is deasserted. Also, the device defaults to the standby mode after a power
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com