Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FF321A Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF321A Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25FF321A Datasheet HTML 17Page - Dialog Semiconductor AT25FF321A Datasheet HTML 18Page - Dialog Semiconductor AT25FF321A Datasheet HTML 19Page - Dialog Semiconductor AT25FF321A Datasheet HTML 20Page - Dialog Semiconductor AT25FF321A Datasheet HTML 21Page - Dialog Semiconductor AT25FF321A Datasheet HTML 22Page - Dialog Semiconductor AT25FF321A Datasheet HTML 23Page - Dialog Semiconductor AT25FF321A Datasheet HTML 24Page - Dialog Semiconductor AT25FF321A Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
Datasheet
2021-08-19
DS-AT25FF321A-181
Revision J
21
© 2021 Dialog Semiconductor
AT25FF321A
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory
with Multi-I/O Support
4.5 QUAD I/O OPERATION (1-4-4)
The AT25FF321A supports the Quad I/O mode which enhances overall throughput over the standard SPI and dual operation
modes by increasing the data transfer rate. In this mode, address and data are transferred on four pins; SI, SO, WP, and HOLD.
This means that only 1/4th the number of clocks are required to transfer the address and data relative to standard SPI mode. This
is known as a 1-4-4 transfer which is defined as: 1-pin command, 4-pin address, and 4-pin data (1-4-4)
In Quad I/O mode the command (C) is driven to the memory device on the SI (IO0) pin. During write operations, the SI (IO0), SO
(IO1), WP (IO2), and HOLD (IO3) pins switched to inputs and the address and data are driven on all four pins, allowing four bits
to be transferred on every clock. During read operations, once the command is transferred on the SI (IO0) pin, address is
transferred on the SI (IO0), SO (IO1), WP (IO2), and HOLD (IO3) pins, allowing a 24-bit address to be transferred in only six clocks.
Once the address transfer is complete, these pins are switched to outputs and the data is driven on all four pins, allowing four
data bits to be transferred on every clock. Note that mode bits M[7:0] must not be in high-Z (tri-state) mode. For optimal perfor-
mance it is recommended to drive a value of 55h or FFh on these bits when not in XiP mode.
A 1-4-4 quad I/O read operation is shown in Figure 14. An example of this operation would be a Manufacturer/Device ID Read
(94h). Note that this type of transfer may contain one or more dummy bytes between the end of the address and the beginning
of the data output depending on the type of command and the operating frequency. See Table 17 for more information.
Figure 14: Quad I/O Transfer — 1-Pin Command, 4-Pin Address, and 4-Pin Data — Read Operation
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com