Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FF321A Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT25FF321A
Description  32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25FF321A Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT25FF321A Datasheet HTML 44Page - Dialog Semiconductor AT25FF321A Datasheet HTML 45Page - Dialog Semiconductor AT25FF321A Datasheet HTML 46Page - Dialog Semiconductor AT25FF321A Datasheet HTML 47Page - Dialog Semiconductor AT25FF321A Datasheet HTML 48Page - Dialog Semiconductor AT25FF321A Datasheet HTML 49Page - Dialog Semiconductor AT25FF321A Datasheet HTML 50Page - Dialog Semiconductor AT25FF321A Datasheet HTML 51Page - Dialog Semiconductor AT25FF321A Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 119 page
background image
Datasheet
2021-08-19
DS-AT25FF321A-181
Revision J
48
© 2021 Dialog Semiconductor
AT25FF321A
32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory
with Multi-I/O Support
6
Commands and Addressing
A valid command or operation must always be started by first asserting the CS pin. After the CS pin has been asserted, the host
controller must then clock out a valid 8-bit command on the SPI bus. Following the command, information such as address and
data bytes would then be clocked out by the host controller. All command, address, and data bytes are transferred with the most-
significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Commands not supported by the AT25FF321A are ignored by the device and no operation is started. The device continues to
ignore any data presented on the SI pin until the start of the next operation (CS pin being deasserted and then reasserted). Also,
if the CS pin is deasserted before the complete command and address information are sent to the device, then no operation is
performed and the device simply returns to the idle state and waits for the next operation.
Depending on the command, up to three bytes of information may be required, representing address bits A23 - A0. Since the
upper address limit of the AT25FF321A memory array is 3FFFFFh, address bits A23 - A22 are always ignored by the device.
Table 17: Command Listing
Command Name
Section
in Doc.
Hex
Cmd
Transfer Type 1
Command
Address
Dummy
Data
Mode
Format
Bytes
Clocks
Bytes
Clocks
Bytes
Clocks
Bytes 2
Clocks
Read Commands
Read Array
6.1
03h
SPI
1-1-1
1
8
3
24
0
0
Var.
Var. x 8
Fast Read Array
6.1
0Bh
SPI
1-1-1
1
8
3
24
1
8
Var.
Var. x 8
Dual Output Read Array
6.2
3Bh
Dual
Output
1-1-2
1
8
3
24
1
8
Var.
Var. x 4
Quad Output Read Array
6.3
6Bh
Quad
Output
1-1-4
1
8
3
24
1
8
Var.
Var, x 2
XiP Mode Read Array (initial
transfer)
6.4
EBh
XiP
1-4-4
1
8
3
6
Var.
Var. x 2
Var.
Var. x 2
XiP Mode Read Array
(subsequent transfers)
6.4
---
XiP
0-4-4
0
0
3
6
Var.
Var. x 2
Var.
Var. x 2
XiP Mode Read Array - DWA
addr (initial transfer)
6.4
E7h
XiP
1-4-4
1
8
3
6
Var.
Var. x 2
Var.
Var. x 2
XiP Mode Read Array - DWA
addr, subsequent transfers
6.4
---
XiP
0-4-4
0
0
3
6
Var.
Var. x 2
Var.
Var. x 2
Program/Erase Commands
Block Erase (4 Kbytes)
6.5
20h
SPI
1-1-0
1
8
3
24
0
0
0
0
Block Erase (32 Kbytes)
6.5
52h
SPI
1-1-0
1
8
3
24
0
0
0
0
Block Erase (64 Kbytes)
6.5
D8h
SPI
1-1-0
1
8
3
24
0
0
0
0
Chip Erase
6.6
60h
SPI
1-0-0
1
8
0
0
0
0
0
0
6.6
C7h
SPI
1-0-0
1
8
0
0
0
0
0
0
Byte/Page Program
(1 - 256 bytes)
6.7
02h
SPI
1-1-1
1
8
3
24
0
0
Var.
(1 - 256)
Var. x 8
Sequential Program Mode 3
(first command)
6.8
ADh/
AFh
SPI
1-1-1
1
8
3
24
0
0
1
8
Sequential Program Mode
(subsequent commands)
6.8
ADh/
AFh
SPI
1-0-1
1
8
0
0
0
0
1
8
Dual Output Byte/Page
Program
6.9
A2h
Dual
Output
1-1-2
1
8
3
24
0
0
Var.
(1 - 256)
Var. x 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com